Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6781BCSTR Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS6781BCSTR
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781BCSTR Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS6781BCSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 11Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 12Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 13Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 14Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 15Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 16Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 17Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
01/31/2008 Rev.1.00
www.SiliconStandard.com
13
SS6781B
For SEL3 > (VCC/2) + 0.4V, the suggested divider
resistance of RA and RB for the corresponding
number of battery cells are as below:
TABLE 2
BATTERY
CELLS
RA/RB
RA (K
Ω)
RB (K
Ω)
2~4
2
240
120
3~6
3.3
300
91
4~8
4.9
300
62
5~10
6.4
300
47
6~12
7.8
310
39
8~16
10.8
390
36
For SEL3 < (VCC/2) -0.4V, the suggested divider
resistance of RA and RB for the corresponding
number of battery cells are as below:
TABLE 3
BATTERY
CELLS
RA/RB
RA(K
Ω)
RB (K
Ω)
2
1
240
240
3
2
240
120
4
3
240
80
5
4
300
75
6
5
300
60
8
7
360
51
10
9
360
40
12
11
390
36
16
15
410
27
Battery Temperature Measurement
The
SS6781B employs a negative temperature
coefficient
(NTC)
thermistor
to
measure
the
battery’s temperature. The thermistor is inherently
nonlinear with respect to temperature. To reduce
the effect of nonlinearity, a resistor-divider network
in parallel with the thermistor is recommended. A
typical application circuit is shown in Fig. 18.
VBAT
4
Rx
C7
VCC
Ry
5
VCC
GND
12
VTS
AIC1781B
Fig. 18
Battery Temperature Sense Circuit
with a Negative Temperature Coefficient
(NTC) Thermistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com