Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6802CGSTB Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6802CGSTB
Description  TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6802CGSTB Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6802CGSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
02/26/2008 Rev.1.00
www.SiliconStandard.com
6
BLOCK DIAGRAM
5
3
7
1
6
8
2
4
VCC
TC
TD
OC
CS
OD
VC
GND
VCC
450
450
OVERCURRENT
DELAY CIRCUIT
OVERCURRENT
DETECTOR
CHARGE
DETECTION
OVERDISCHARGE
DETECTOR 2
TIMING
GENERATION
OVERCHARGE
DETECTOR 1
OVERCHARGE
DELAY CIRCUIT
OVERDISCHARGE
DETECTOR 1
OVERDISCHARGE
DELAY CIRCUIT
OVERCHARGE
DETECTOR 2
LOGIC
CONTROL
WAKE-
UP
POWER-
DOWN
UNBALANCE
DISCHARGE
PIN DESCRIPTIONS
PIN 1: OC
- PMOS
open
drain
output
for
control
of
the
charge
control
MOSFET M2. When overcharge
occurs, this pin sources current to
switch the external NPN Q1 on,
and
charging
is
inhibited
by
turning off the charge control
MOSFET M2.
PIN 2: OD
- Output pin for control of the
discharge control MOSFET M1.
When overdischarge occurs, this
pin goes low to turn off the
discharge control MOSFET M1
and discharging is inhibited.
PIN 3: TD
- Overdischarge delay time setting
pin.
PIN 4: GND - Ground pin. This pin is to be
connected
to
the
negative
terminal of the lower battery cell.
PIN 5: TC
- Overcharge delay time setting
pin.
PIN 6: VC
- To be connected to the positive
terminal of the lower cell and
the negative terminal of the
upper cell.
PIN 7: CS
- Input pin for current sensing.
Using the drain-source voltage
of
the
discharge
control
MOSFET M1 (voltage between
CS
and
GND),
it
senses
discharge current during normal
mode
and
detects
whether
charging
current
is
present
during power down mode.
PIN 8: VCC - Power supply pin. It is to be
connected
to
the
positive
terminal of the upper cell.
SS6802



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com