Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6802CGSTB Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6802CGSTB
Description  TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6802CGSTB Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6802CGSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6802CGSTB Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
02/26/2008 Rev.1.00
www.SiliconStandard.com
7
APPLICATION INFORMATION
THE OPERATION
Overcharge Protection
When the voltage of either of the battery cells
exceeds VOCP (overcharge protection voltage)
beyond
the
overcharge
delay
time
period,
charging is inhibited by the turning-off of the
charge control MOSFET M2. The overcharge
delay time (TOC) defaults to 25mS and can be
extended by adding a capacitor CTC. Inhibition of
charging is immediately released when the
voltage of the overcharged cell becomes lower
than VOCR (overcharge release voltage) through
discharge.
Overdischarge Protection
When the voltage of either of the battery cells
goes
below
VODP (overdischarge protection
voltage) beyond the overdischarge delay time
period, discharging is inhibited by the turning-off
of the discharge control MOSFET M1. The
overdischarge delay time (TOD) defaults to 25mS
and can be extended by adding a capacitor CTD.
Inhibition of discharging is immediately released
when the voltage of the overdischarged cell
becomes
higher
than
VODR (overdischarge
release voltage) through charging.
Power-Down after Overdischarge
When overdischarge occurs, the SS6802 will go
into power-down mode, turning off all the timing
generation and detection circuitry to reduce the
quiescent current to 0.8
µA (VCC=4.8V). In the
unusual
case
where
one
battery
cell
is
overdischarged while the other under overcharge
condition, the SS6802 will turn off all the
detection circuits except the overcharge detection
circuit for the cell under overcharge condition.
Charge Detection after Overdischarge
When overcharge occurs, the discharge control
MOSFET M1
turns
off
and
discharging
is
inhibited. However, charging is still permitted
through the parasitic diode of M1. Once the
charger is connected to the battery pack, the
SS6802 immediately turns on all the timing
generation and detection circuitry and goes into
normal mode. Charging is determined to be in
progress if the voltage between CS and GND is
below –0.4V (charge detection threshold voltage
VCH)
Overcurrent Protection
In normal mode, the SS6802 continuously
monitors the discharge current by sensing the
voltage of CS pin. If the voltage of CS pin
exceeds VOIP (overcurrent protection voltage)
beyond overcurrent delay time TOI period, the
overcurrent
protection
circuit
operates
and
discharging is inhibited by turning-off of the
discharge control MOSFET M1. Discharging
must be inhibited for at least 256mS after
overcurrent takes place to avoid damage to
external
control
MOSFETs
due
to
rapidly
switching transient between VBAT+ and VBAT-
terminals. The overcurrent condition returns to
the normal mode when the load is released and
the impedance between the VBAT+ and VBAT-
terminals is 10M
Ω or higher. For the sake of
protection of the external MOSFETs, the larger
the CS pin voltage (which means the larger
discharge current) the shorter the overcurrent
delay time. The relationship between voltage of
SS6802



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com