Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6821 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6821
Description  Single-Cell Lithium-Ion Battery Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6821 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6821 Datasheet HTML 1Page - Silicon Standard Corp. SS6821 Datasheet HTML 2Page - Silicon Standard Corp. SS6821 Datasheet HTML 3Page - Silicon Standard Corp. SS6821 Datasheet HTML 4Page - Silicon Standard Corp. SS6821 Datasheet HTML 5Page - Silicon Standard Corp. SS6821 Datasheet HTML 6Page - Silicon Standard Corp. SS6821 Datasheet HTML 7Page - Silicon Standard Corp. SS6821 Datasheet HTML 8Page - Silicon Standard Corp. SS6821 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.SiliconStandard.com
2 of 10
SS6821
ORDERING INFORMATION
PIN CONFIGURATION
Example: SS6821-A CV TR
à 4.35V version, in SOT-23-5 package
shipped in tape and reel
SOT-23-5
TOP VIEW
VCC
OD
GND
CS
OC
3
2
1
4
5
Packing:
TR: Tape and reel
Package type
V: SOT-23-5
Overcharge protection:
A: 4.35V
B: 4.30V
C: 4.25V
D: 4.20V
ABSOLUTE MAXIMUM RATINGS
Supply Voltage....................................………………….................................................... 18V
DC Voltage Applied on other Pins ...............………………………….............................. 18V
Charger Voltage ..............……………………….……………………................................ 14V
Operating Temperature Range .....................................……………….............. -40
°C~85°C
Storage Temperature Range .........................…………………..................... - 65
°C~125°C
TEST CIRCUIT
100K
ICC
VOC
R3
10M
VOD
VCC
VCS
R2
5
4
3
2
1
C1
0.1
µF
R1
100
OC
CS
OD
GND
VCC
SS6821
SS6821-XCXXX
12/6/2004 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com