Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6821 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6821
Description  Single-Cell Lithium-Ion Battery Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6821 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6821 Datasheet HTML 1Page - Silicon Standard Corp. SS6821 Datasheet HTML 2Page - Silicon Standard Corp. SS6821 Datasheet HTML 3Page - Silicon Standard Corp. SS6821 Datasheet HTML 4Page - Silicon Standard Corp. SS6821 Datasheet HTML 5Page - Silicon Standard Corp. SS6821 Datasheet HTML 6Page - Silicon Standard Corp. SS6821 Datasheet HTML 7Page - Silicon Standard Corp. SS6821 Datasheet HTML 8Page - Silicon Standard Corp. SS6821 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.SiliconStandard.com
3 of 10
SS6821
ELECTRICAL CHARACTERISTICS
(Ta=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Current
VCC=3.5V
ICC
7
11
µA
Power-Down Current
V CC=2.2V,
I PD
0.6
1.0
µA
SS6821A
4.30
4.35
4.40
SS6821B
4.25
4.30
4.35
SS6821C
4.20
4.25
4.30
Over-charge Protection Voltage
SS6821D
VOCP
4.15
4.20
4.25
V
Over-charge Hysteresis
Voltage
VHYS
230
300
370
mV
Over-discharge Protection
Voltage
VODP
2.25
2.4
2.55
V
Over-discharge Release
Voltage
VODR
2.85
3.0
3.15
V
Over-current Protection
Voltage
VCC=3.5V
VOIP
180
200
220
mV
Over-charge Delay Time
VCC=VOCP-0.1→
VOCP + 0.1V
TOC
100
150
200
ms
Over-discharge Delay Time
VCC= 2.6V → 2.2V
TOD
6
12
18
ms
Over-current Delay Time (1)
VCC=3.5V,
1V>VCS>0.2V
TOI1
6
12
18
ms
Over-current Delay Time (2)
VCC=3.5V, VCS>1V
TOI2
50
µs
OD Pin Output “H” Voltage
VDH
VCC-0.2 VCC-0.02
V
OD Pin Output “L” Voltage
VDL
0.01
0.1
V
Load Detection Threshold
Voltage
VCC=VOCP – 50mV
VLD
0.3
0.4
V
Charge Detection Threshold
Voltage
VCC=2.4V
VCH
-0.45
-0.3
V
12/6/2004 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com