Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7500 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS7500
Description  Multi-mode SCSI Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7500 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS7500 Datasheet HTML 1Page - Silicon Standard Corp. SS7500 Datasheet HTML 2Page - Silicon Standard Corp. SS7500 Datasheet HTML 3Page - Silicon Standard Corp. SS7500 Datasheet HTML 4Page - Silicon Standard Corp. SS7500 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
SS7500
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
36
TPWR
Vin 5V supply. Connect to SCSI bus power line.
1
VREF
Reference Voltage. Must be decoupled with a 4.7uF as shown in
Figure 1.
2,3
NC
Do not connect any signal to this pin.
8,9,10
26,27,28
HGND
Heat Sink Ground. Connect to large area PC board ground trace
in order to increase power dissipation.
4,6,11
13,15,22
24,29,31
RxP
Signal Terminator. Line for single ended or positive line for
differential mode.
5,7,12
14,16,23
25,30,32
RxN
Single Terminator. Line for single ended or negative line for
differential mode.
17
ISO
Shuts down the terminator when pull high.
18
GND
Signal Ground.
19
MST/SLV
Mode select pin. Master mode will enable the DIFFSEN drive
SCSI bus if this signal ties high.
20
DIFFSEN
This signal will drive 1.3V to the SCSI bus during the Master
mode in order to detect which type of device is connected to the
SCSI bus.
21
DIF_CAP
This pin should be connected to a 0.1uF capacitor to ground and
20K resistor to SCSI bus DIFFSEN line for DIFFSEN filter.
33
SE
Single ended. Indicates SE device is on the SCSI bus when this
pin is active.
34
LVD
Low Voltage Differential. Indicates the terminator is in LVD
operation.
35
HVD
High Voltage Differential. Indicates the HVD device is detected
and terminator is in shut down mode.
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com