Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7500 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS7500
Description  Multi-mode SCSI Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7500 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS7500 Datasheet HTML 1Page - Silicon Standard Corp. SS7500 Datasheet HTML 2Page - Silicon Standard Corp. SS7500 Datasheet HTML 3Page - Silicon Standard Corp. SS7500 Datasheet HTML 4Page - Silicon Standard Corp. SS7500 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
Multi-mode SCSI Terminator
FEATURE
S
!"
Fully compliant with Ultra
160/m SCSI,
Ultra2 and Ultra3
standards.
!"
Auto
-selection Multi-Mode SE or LVD
termination for 9 signal line pairs.
!"
5 V
operation
!"
Built in thermal shutdown circuitry
!"
Support
s Master/Slave input.
!"
SCSI bus hot
-plug compatible.
!"
Support
s active-negation drive.
DESCRIPTION
The SS7500 is a multimode SCSI
terminator that conforms to the SCSI (SP2)
specification which is designed for low
voltage differential (LVD) termination.
The SS7500 provides backward compatibility
to the SCSI and SCSI-2 specifications.
Multimode function set
s up the use of legacy
devices on the bus without changing any
hardware setting. Automatic selection is
made by voltage detection on the diffsense
line. If the device is connected
to an
LVD-only bus, the SS7500 will use LVD
termination. If the device is connected in a
Single Ended mode, the SS7500 will be
connected in a SE termination.
The SCSI
termination architecture uses high speed
elements for the design, therefore providing
fast response time.
PACKAGE PIN OUT
VREF
NC
R1P
NC
R1N
R2P
HGND
R2N
HGND
HGND
R3N
R3P
R4P
R4N
R5N
R5P
ISO
GND
1
2
4
3
5
6
8
7
9
10
12
11
36
35
33
34
32
31
29
30
28
27
25
26
13
14
16
15
17
18
24
23
21
22
20
19
SS7500
TPWR
HVD
SE
LVD
R9N
R9P
R8P
R8N
HGND
HGND
R7N
HGND
R7P
R6N
DIF_CAP
R6P
DIFFSEN
MST/SLV
SS7500
Rev.2.01 6/06/2003


Similar Part No. - SS7500

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
SS750 HUBBELL-SS750 Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505 Datasheet
1Mb / 7P
75V N-Channel MOSFET
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
75V N-Channel MOSFET
More results

Similar Description - SS7500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2218-285 TI-TL2218-285 Datasheet
169Kb / 9P
EXCALIBUR CURRENT-MODE SCSI TERMINATOR
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
Multi-mode LVD/SE SCSI Terminator
G218B GMT-G218B Datasheet
188Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS7519 SSC-SS7519 Datasheet
298Kb / 5P
Multi-mode SCSI Terminator
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Texas Instruments
TL2218-285 TI1-TL2218-285_14 Datasheet
518Kb / 13P
EXCALIBUR CURRENT-MODE SCSI TERMINATOR
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
SCSI Terminator
112099
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com