Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7519 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS7519
Description  Multi-mode SCSI Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7519 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS7519 Datasheet HTML 1Page - Silicon Standard Corp. SS7519 Datasheet HTML 2Page - Silicon Standard Corp. SS7519 Datasheet HTML 3Page - Silicon Standard Corp. SS7519 Datasheet HTML 4Page - Silicon Standard Corp. SS7519 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
SS7519
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
27,28
TPWR
4.0V to 5.75V power input pin. Connect to SCSI bus power line. A
4.7µF capacitor and a 0.1µF high frequency capacitor are recommended
between TPWR and ground.
1
VREF
Reference Voltage. Must be decoupled with a 4.7µF capacitor to
ground as shown in Figure 1.
6,22
14
HS GND
GND
Heat Sink Ground. These should be connected to large area PC board
ground trace in order to increase the power dissipation capability.
2,4,7,9,11,18
20,23,25
RxP
Termination lines. These lines switch to hard ground in SE mode and
are the positive lines for LVD mode. All lines are in high impedance
when HVD is detected.
3,5,8,10,12
19,21,24,26
RxN
Termination lines. These lines switch to the active lines in SE mode
and are the negative lines for LVD mode. All lines are in high
impedance when HVD is detected.
13
ISO
Isolate pin. This pin used to shut down the terminator if the terminator
is not connected at the end of the bus. Connect
ing the pin to ground will
activate the terminator in normal operation. The terminator will be
disabled when the pin is in high state. An internal pull-down resistor
assures that the SS7519 will operate as normal if the ISO pin is left
floating.
15
M/S
Mode select pin. When pull high, master mode will enable the
DIFFSEN drive SCSI bus. The DIFFSENSE driver is off when this pin
is connected to ground.
16
DIFFSENSE Mode Sense pin. This signal will drive 1.3V to the SCSI bus during the
Master mode in order to detect which type of device is connected to
the SCSI bus. On power up, the SS7519 will try to deliver LVD
level to the DIFFSENSE line. If only LVD SCSI devices are on the
bus, the DIFFSENSE signal will be successfully driven to 1.3V and the
terminator will configure the system for LVD operation. If any SE
device is on the bus, it will present a grounding level to the
DIFFSENSE line. This will
cause the SS7519 to configure into SE
operation.
The SS7519 will go into shutdown mode if DIFFSENSE
detects a high voltage level.
17
DIF_CAP
DIFFSENSE CAPACITOR. This pin should be connected to a 0.1uF
capacitor to ground and 20KΩ resistor to SCSI bus DIFFSENSE line
for DIFFSEN filter.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNITS
Tpwr Voltage
Vterm
4.0
5.75
V
Operating Temperature
Top
0
70
℃
Lead Temperature
(Soldering 10 seconds)
Tsod
300
℃
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com