Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7519 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS7519
Description  Multi-mode SCSI Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7519 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS7519 Datasheet HTML 1Page - Silicon Standard Corp. SS7519 Datasheet HTML 2Page - Silicon Standard Corp. SS7519 Datasheet HTML 3Page - Silicon Standard Corp. SS7519 Datasheet HTML 4Page - Silicon Standard Corp. SS7519 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
SS7519
FEATURES
!" Meets SCSI-1, SCSI-2, Ultra3 and
Ultra320 Standards.
!" Auto-selectable Multimode single-ended
or Low Voltage Differential termination.
!" Current limit and thermal shutdown
protection.
!" Ground driver integrated for
single-ended operation
!" Compatible with active-negation drivers.
DESCRIPTION
The SS7519 multimode SCSI terminator is
both a single-ended and a low voltage
differential terminator that meets the
specification
s of SCSI Parallel Interface (SPI-4).
The SS7519 also provides backward
compatibility to the SCSI-1, SCSI-2 and
Single-Ended specification
s. The Multimode
terminator contains all
the functions required to
terminate and auto detect for SCSI devices
without hardware fluctuation. Auto-Selectable is
achieved by using voltage detection on the
DIFFSENSE signal.
The SS7519 senses the
DIFFSENSE line while sourcing the
DIFFSENSE signal with LVD levels. The
DIFFSENSE line being grounded indicates that
one or more SE devices are attached on the bus.
The SS7519 switches to the termination mode
that is appropriate for the bus based on the value
of the DIFFSENSE input voltage.
For the Single-Ended termination, the active
terminator will pull RXN to 2.85V and RXP
to a
hard ground. The SS7519 can sink 22mA
per
line as required by the SCSI specification. The
Single-Ended resistor will maintain 110Ω ± 5%.
For LVD termination, the SS7519
integrates two current sources with nine
accuracy resistor strings. This architecture yields
a 105Ω ±5% differential and 226Ω ±10%
common mode impedance. A fail-safe bias of
110mV is sustained when no drivers are
connected to the SCSI bus. If the SS7519
detects a HVD SCSI device on the bus, all the
signals will be set to a high impedance state.
TPWR
TPWR
R9N
R8N
HS GND
R7N
R7P
R6N
R6P
DIFF_CAP
DIFFSENSE
M/S
R9P
R8P
VRFF
RIP
RIN
R2P
R2N
HS GND
R3P
R3N
R4P
R4N
R5P
ISO
GND
R5N
SS7519 - TSSOP28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Multi-mode SCSI Terminator
Rev.2.01 6/06/2003


Similar Part No. - SS7519

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
SS750 HUBBELL-SS750 Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
logo
Silicon Standard Corp.
SS7500 SSC-SS7500 Datasheet
570Kb / 5P
Multi-mode SCSI Terminator
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505 Datasheet
1Mb / 7P
75V N-Channel MOSFET
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
75V N-Channel MOSFET
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
Synchronous Buck PWM and Linear Power Controller
More results

Similar Description - SS7519

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2218-285 TI-TL2218-285 Datasheet
169Kb / 9P
EXCALIBUR CURRENT-MODE SCSI TERMINATOR
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
Multi-mode LVD/SE SCSI Terminator
G218B GMT-G218B Datasheet
188Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS7500 SSC-SS7500 Datasheet
570Kb / 5P
Multi-mode SCSI Terminator
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Texas Instruments
TL2218-285 TI1-TL2218-285_14 Datasheet
518Kb / 13P
EXCALIBUR CURRENT-MODE SCSI TERMINATOR
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
SCSI Terminator
112099
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com