Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646TR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS7646TR
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646TR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS7646TR Datasheet HTML 1Page - Silicon Standard Corp. SS7646TR Datasheet HTML 2Page - Silicon Standard Corp. SS7646TR Datasheet HTML 3Page - Silicon Standard Corp. SS7646TR Datasheet HTML 4Page - Silicon Standard Corp. SS7646TR Datasheet HTML 5Page - Silicon Standard Corp. SS7646TR Datasheet HTML 6Page - Silicon Standard Corp. SS7646TR Datasheet HTML 7Page - Silicon Standard Corp. SS7646TR Datasheet HTML 8Page - Silicon Standard Corp. SS7646TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.SiliconStandard.com
2 of 5
SS7646
8/21/2004 Rev.2.01
ABSOLUTE MAXIMUM RATINGS
PIN DESCRIPTIONS
VDD to GND…………………………….……...………. -0.3V to +6V
Analog Input to GND…………………………... -0.3V to VDD +0.3V
Digital Input to GND………………………...… -0.3V to VDD +0.3V
Operating Temperature Range……….……… -40°C to +85°C
Maximum Junction Temperature……….………………… +150°C
Storage Temperature Range……………….…..… -60°C to +150°C
Lead Temperature (Soldering, 10s)………………..……… +300°C
CAUTION: Stresses above those listed in “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress only rating and operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Electrostatic
Discharge Sensitivity
This device can be damaged by ESD. Silicon Standard
recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation
procedures can cause damage. ESD damage can range from
subtle performance degradation to complete device failure.
Pin
Name
Description
1
VDD
Power Supply, 2.2V to 5.5V.
2
X+
X+ Input; ADC Input Channel 1.
3
Y+
Y+ Input; ADC Input Channel 2.
4
X-
X- Input.
5
Y-
Y- Input; ADC Input Channel 3.
6
GND
Ground.
7
VBAT
Battery Monitor Input; ADC Input Channel 4.
8
VIN
Auxiliary Input; ADC Input Channel 5.
9
VREF
Reference Voltage Input / Output.
10
VDD
Power Supply, 2.2V to 5.5V.
11
/PENIRQ Pen Interrupt. Requires 10kΩ to 100kΩ
external pull-up resistor.
12
DOUT
Serial Data Output. This output pin is high
impedance when /CS is high.
13
BUSY
Busy Output. This output pin is high
impedance when /CS is high.
14
DIN
Serial Data Input.
15
/CS
Chip Select Input. This input is active low.
16
DCLK
External Clock Input.
BLOCK DIAGRAM
/CS
DCLK
DIN
DOUT
BUSY
/PENIRQ
Y-
VREF
6-Channel
MUX
X+
Y+
X-
VBAT
VIN
VDD
CHARGE
REDISTRIBUTION
DAC
COMP
SAR CONTROL LOGIC
SERIAL
INTERFACE
Battery
Monitor
Temperature
Sensor
Internal
2.5V Reference
Figure 1. Block Diagram of SS7646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com