Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646TR Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS7646TR
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646TR Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS7646TR Datasheet HTML 5Page - Silicon Standard Corp. SS7646TR Datasheet HTML 6Page - Silicon Standard Corp. SS7646TR Datasheet HTML 7Page - Silicon Standard Corp. SS7646TR Datasheet HTML 8Page - Silicon Standard Corp. SS7646TR Datasheet HTML 9Page - Silicon Standard Corp. SS7646TR Datasheet HTML 10Page - Silicon Standard Corp. SS7646TR Datasheet HTML 11Page - Silicon Standard Corp. SS7646TR Datasheet HTML 12Page - Silicon Standard Corp. SS7646TR Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
5 of 5
SS7646
8/21/2004 Rev.2.01
PACKAGE INFORMATION
SSOP
-16
DIMENSIONS (MM)
DIMENSIONS (MIL)
SYMBOLS
MIN
.
NOM.
MAX.
MIN.
NOM.
MAX.
A
A1
A2
b
C
D
E
H
e
0.6358 BSC
25 BSC
L
h
θ
θ
θ
θ°
8
1
9
16
b
L
θ
Detail F
h x 45°
See Detail F
D
Seating Plane
T(4X)
e
1.75
0.25
1.50
0.30
0.25
5.00
4.00
6.80
1.27
0.50
8
1.60
0.254
0.203
3.90
6.00
0.635
0.42
4.90
0.15
1.35
0.10
0.20
0.18
4.80
3.80
5.80
0.40
0.25
0°
53
4
8
7
189
150
228
16
10
0°
25
17
193
63
154
236
6
10
8
68
10
59
12
10
197
157
244
50
20
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com