Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8000G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8000G
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8000G Datasheet HTML 1Page - Silicon Standard Corp. SS8000G Datasheet HTML 2Page - Silicon Standard Corp. SS8000G Datasheet HTML 3Page - Silicon Standard Corp. SS8000G Datasheet HTML 4Page - Silicon Standard Corp. SS8000G Datasheet HTML 5Page - Silicon Standard Corp. SS8000G Datasheet HTML 6Page - Silicon Standard Corp. SS8000G Datasheet HTML 7Page - Silicon Standard Corp. SS8000G Datasheet HTML 8Page - Silicon Standard Corp. SS8000G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.SiliconStandard.com
2 of 14
SS8000G
ORDERING INFORMATION
Packing:
TR: Tape and reel
TY: Tray
Package type
GQ: QFN-48L, Pb-free lead finish
SS8000GQXX
LEDEN
ALERTEREN
VIBRATOREN
PWRBB
PWRKEY
SRCLKEN
VREF
NC
AGND
VA
AVBAT
VTCXO
CHRIN
GATEDRV
NC
ISENSE
CHRCNTL
CHRDET
BATSNS
VSIM
SIMIO
SIMRST
SIMCLK
SIMVCC
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
35
36
LEDEN
ALERTEREN
VIBRATOREN
PWRBB
PWRKEY
SRCLKEN
VREF
NC
AGND
VA
AVBAT
VTCXO
CHRIN
GATEDRV
NC
ISENSE
CHRCNTL
CHRDET
BATSNS
VSIM
SIMIO
SIMRST
SIMCLK
SIMVCC
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
35
36
SS8000
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
CHRIN and GATEDRV relative to GND……………………………………………….-0.3V to 15V
All other pins relative to GND………………………………………………….….……-0.3V to 7V
Operating Temperature Ranges…………………………..………….……..………...-25°C to +85°C
Maximum Junction Temperature……………………………………………………….+165°C
Storage Temperature Range……………………………………………………….……-65°C to +165°C
Thermal Impedance,
θ
JA ……………………………………………………………………………………………………….23°C/W
Lead Temperature (soldering, 10sec).……………………………………………......+260°C
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com