Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8000G Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS8000G
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000G Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS8000G Datasheet HTML 4Page - Silicon Standard Corp. SS8000G Datasheet HTML 5Page - Silicon Standard Corp. SS8000G Datasheet HTML 6Page - Silicon Standard Corp. SS8000G Datasheet HTML 7Page - Silicon Standard Corp. SS8000G Datasheet HTML 8Page - Silicon Standard Corp. SS8000G Datasheet HTML 9Page - Silicon Standard Corp. SS8000G Datasheet HTML 10Page - Silicon Standard Corp. SS8000G Datasheet HTML 11Page - Silicon Standard Corp. SS8000G Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.SiliconStandard.com
8 of 14
SS8000G
APPLICATION INFORMATION (cont.)
Low Dropout Regulator ( LDOs ) and Reference
The SS8000 integrates seven LDOs that are optimized
for their given functions by balancing quiescent current,
dropout voltage, line/load regulation, ripple rejection,
and output noise.
Digital Core LDO (Vcore)
The digital core LDO is a regulator that can source
200mA (max) with 1.8V output voltage. It supplies the
baseband circuitry in the handset. The LDO is optimized
for very low quiescent current.
Digital IO LDO (Vio)
The digital I/O LDO is a regulator that can source
100mA (max) with 2.8V output voltage. It supplies the
baseband circuitry in the handset. The LDO is optimized
for very low quiescent current and will power up at the
same time as the digital core LDO.
Analog LDO (Va)
The analog LDO is a regulator that can source 150mA
(max) with 2.8V output voltage. It supplies the analog
sections of the baseband chipsets. The LDO is opti-
mized for low frequency ripple rejection in order to reject
the ripple coming from the RF power amplifier burst fre-
quency at 217kHz.
TCXO LDO (Vtcxo)
The TCXO LDO is a regulator that can source 20mA (max)
with 2.8V output voltage. It supplies the temperature com-
pensated crystal oscillator, which needs its own ultra low
noise supply and very good ripple rejection ratio.
RTC LDO (Vrtc)
The RTC LDO is a regulator that can source 200µA
(max) with 1.5V output voltage. It charges up a capaci-
tor-type backup coin cell to run the real-time clock mod-
ule. The LDO features the reverse current protection
and is optimized for ultra low quiescent current since it is
always on except when the battery voltage is below
2.5V.
Memory LDO (Vm)
The memory LDO is a regulator that can source 150mA
(max) with 1.8V or 2.8V output voltage, selected ac-
cording to the supply specs of the memory chips. It sup-
plies the memory circuitry in the handset. The LDO is
optimized for very low quiescent current and will power
up at the same time as the digital core LDO.
SIM LDO (Vsim)
The SIM LDO is a regulator that can source 20mA (max)
with 1.8V or 3.0V output voltage, selected according to
the supply specs of the subscriber identity modules (SIM)
card. It supplies the SIMs in the handset. The LDO is
controlled independently of the others LDO.
Reference Voltage Output (Vref)
The reference voltage output is a low noise, high PSRR
and high precision reference with a guaranteed accuracy
of 1.5% over temperature. It is used as an internal system
reference within the SS8000. However, to maintain ac-
curate specs on every LDO output voltage, it is important
to avoid loading the reference voltage and it should be
bypassed to GND with 100 nF minimum.
SIM Card Interface
The SIM card interface circuitry of the SS8000 meets
all ETSI and IMT-2000 SIM interface requirements. It
provides level shifting needs for the low-voltage GSM
controller to communicate with either 1.8V or 3V SIM
cards. All SIM cards contain a clock input, a reset input,
and a bi-directional data input/output. The clock and
reset inputs to SIM cards are level shifted from the sup-
ply of the digital IO (Vio) of the baseband chipset to the
SIM supply (Vsim). The bi-directional data bus is inter-
nally pulled high with a 20kohm resistor on the controller
side and with a 10kohm resistor on the SIM side.
All pins that connect to the SIM card (Vsim, SRST,
SCLK, SIO) withstand over 5kV of human-body-mode
ESD. In order to ensure proper ESD protection, careful
board layout is required.
Vibrator, Alerter, LED Switches
Three built-in open-drain output switches drive the vi-
brator motor, alerter beeper and LEDs in the handset.
Each switch is controlled by the baseband chipset with
enable pins. The LED switch can sink 150mA to drive up
to 10 LEDs simultaneously for backlight. The vibrator
switch can sink 250mA for a vibrator motor. The alerter
switch can sink 300mA to drive the beeper. All the
open-drain output switches are high impedance when
disabled.
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com