Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8218 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS8218
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8218 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS8218 Datasheet HTML 3Page - Silicon Standard Corp. SS8218 Datasheet HTML 4Page - Silicon Standard Corp. SS8218 Datasheet HTML 5Page - Silicon Standard Corp. SS8218 Datasheet HTML 6Page - Silicon Standard Corp. SS8218 Datasheet HTML 7Page - Silicon Standard Corp. SS8218 Datasheet HTML 8Page - Silicon Standard Corp. SS8218 Datasheet HTML 9Page - Silicon Standard Corp. SS8218 Datasheet HTML 10Page - Silicon Standard Corp. SS8218 Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.SiliconStandard.com
8 of 11
SS8218
Rev.2.01 6/06/2003
Pin Description (for 28pin SSOP/TSSOP)
PIN
SYMBOL
DESCRIPTION
1
VREF*
Reference Voltage. 2.85-volt reference; must be connected to a 4.7µF capacitor.
2-5,7-12,
18-21, 23-26
Rx+, Rx-
Signal Termination. (X=1,2,3,…..9)
Rx+: Ground line for single-ended or positive line for differential applications for the SCSI bus.
Rx-: Signal line/active line for single-ended or negative line in differential applications for the SCSI
bus.
6,22
NC/ HS GND No Connect/ HS GND. Should be grounded for heat sinking purpose.
13
DISCNCT
Disconnect. When pulled high, the SS8218 isolates its bus pins (Rx+, Rx-) from the SCSI bus.
14
GND
Ground. Terminator ground pin. Connected to ground.
15
M/S
Master/slave. Used to select which terminator is the controlling device. M/S pin high enables the
DIFFSENSE driver.
16
DIFFSENSE Output to drive the SCSI bus DIFFSENS line.
17
DIFFB
DIFFB pin should be connected to a 0.1µF capacitor to GND and 20k resistor to SCSI/Bus
DIFFSENS line. An input pin to detect the type of device (differential or single-ended) on the SCSI
bus.
27,28
TPWR
Terminator Power. Connect to the SCSI TERMPWR line and de-couple with a 2.2µF capacitor.
*The VREF keeps the level at 2.85 volt, despite the DISCNCT pin is asserted or not; even the termination mode is changed.
(36pin SSOP)
PIN
SYMBOL
DESCRIPTION
1
VREF*
Reference Voltage. 2.85-volt reference; must be connected to a 4.7µF capacitor.
2,3
NC
No Connect. Do not connect these pins.
4-7,11-16,
22-25,
29-32
Rx+
Rx-
Signal Termination. (X=1,2,3,…..9)
Rx+: Ground line for single-ended or positive line for differential applications for the SCSI bus.
Rx-: Signal line/active line for single-ended or negative line in differential applications for the SCSI bus.
8, 9,10,26,
27,28
HS/GND
Heat Sink Ground. Connect to large area PC board traces to increase power dissipation capabil-
ity.
17
DISCNCT
Disconnect. When pulled high, the SS8218 isolates its bus pins (Rx+, Rx-) from the SCSI bus.
18
GND
Ground. Terminator ground pin. Connected to ground.
19
M/S
Master/slave. Used to select which terminator is the controlling device. M/S pin high enables the
DIFFSENSE driver.
20
DIFFSENSE Output to drive the SCSI bus DIFFSENS line.
21
DIFFB
DIFFB pin should be connected to a 0.1µF capacitor to GND and 20k resistor to SCSI/Bus
DIFFSENS line. An input pin to detect the type of device (differential or single-ended) on the SCSI
bus.
33
SE
Single ended mode indicator. It is HIGH when terminator is operating in SE mode.
34
LVD
Low Voltage Differential mode indicator. It is HIGH when terminator is operating in LVD mode.
35
HVD
High Voltage Differential mode indicator. It is HIGH when terminator is operating in HVD mode
36
TPWR
Terminator Power. Connect to SCSI bus TERMPWR line and decouple with 2.2µF capacitor.
*The VREF keeps the level at 2.85 volt, despite the DISCNCT pin is asserted or not; even the termination mode is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com