Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8218 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8218
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8218 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8218 Datasheet HTML 1Page - Silicon Standard Corp. SS8218 Datasheet HTML 2Page - Silicon Standard Corp. SS8218 Datasheet HTML 3Page - Silicon Standard Corp. SS8218 Datasheet HTML 4Page - Silicon Standard Corp. SS8218 Datasheet HTML 5Page - Silicon Standard Corp. SS8218 Datasheet HTML 6Page - Silicon Standard Corp. SS8218 Datasheet HTML 7Page - Silicon Standard Corp. SS8218 Datasheet HTML 8Page - Silicon Standard Corp. SS8218 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.SiliconStandard.com
1 of 11
SS8218
Rev.2.01 6/06/2003
Ultra160 Multi-mode LVD/SE SCSI Terminator
Features
Auto-selectable multi-mode Single-Ended
or LVD Termination
Meets SCSI-1, SCSI-2, SCSI-3 SPI Ultra
(Fast-20), Ultra 2(SPI-2 LVD), Ultra160 (SPI-3
LVD) standards.
Supports active negation
3pF channel capacitance
Thermal protection
Hot-swap compatible
5% tolerance on SE and LVD termination
resistance
28 and 36 pin SSOP package
28 Pin SSOP: Pin Compatible with DS2119
36 Pin SSOP: Pin Compatible with DS2118,
LX5241 and UCC5630
Applications
Server and workstation
High-end PC
Industrial PC
Disk Array (RAID)
SCSI cable
General Description
The SS8218 Multi-mode LVD/SE SCSI terminator pro-
vides a smooth transition to the next generation of
the SCSI Parallel Interface (SPI-3). It automatically
senses the bus, via DIFFSENS, and switches the ter-
mination to either single-ended (SE) or low voltage
differential (LVD) SCSI, dependent on which type of
devices are connected to the bus. If the SS8218 de-
tects a HVD SCSI device, it switches to a high imped-
ance state. For a 16-bit Wide SCSI bus to be opera-
tional, three SS8218 terminators are needed.
The Multi-mode terminator contains all functions re-
quired to terminate and auto detect and switch modes
for SCSI Parallel Interface (SPI) bus architectures. For
the SE termination, one regulator and nine precision
110ohm resistors are used. For the LVD termination,
the SS8218 integrates 18 regulated supplies with nine
precision resistor strings.
Pin Configuration
R1-
R1+
R2-
NC/HS GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
R9-
R9+
R8+
R8-
R7-
R6-
R6+
DIFFB
DIFFSENSE
M/S
28Pin SSOP/TSSOP
VREF
R2+
TPWR
R7+
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
NC/HS GND
NC
NC
R1+
R1-
R2-
HS/GND
HS/GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
HVD
LVD
SE
R9-
R9+
R8-
R8+
HS/GND
HS/GND
HS/GND
R7-
R7+
R6-
R6+
DIFFB
DIFFSENSE
M/S
VREF
R2+
HS/GND
36Pin SSOP
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
16
17
15
18
33
32
31
30
29
36
35
34
R1-
R1+
R2-
NC/HS GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
R9-
R9+
R8+
R8-
R7-
R6-
R6+
DIFFB
DIFFSENSE
M/S
28Pin SSOP/TSSOP
VREF
R2+
TPWR
R7+
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
NC/HS GND
R1-
R1+
R2-
NC/HS GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
R9-
R9+
R8+
R8-
R7-
R6-
R6+
DIFFB
DIFFSENSE
M/S
28Pin SSOP/TSSOP
VREF
R2+
TPWR
R7+
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
NC/HS GND
NC
NC
R1+
R1-
R2-
HS/GND
HS/GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
HVD
LVD
SE
R9-
R9+
R8-
R8+
HS/GND
HS/GND
HS/GND
R7-
R7+
R6-
R6+
DIFFB
DIFFSENSE
M/S
VREF
R2+
HS/GND
36Pin SSOP
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
16
17
15
18
33
32
31
30
29
36
35
34


Similar Part No. - SS8218

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GDTR SSC-SS8219GDTR Datasheet
727Kb / 10P
Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GSTR SSC-SS8219GSTR Datasheet
727Kb / 10P
Ultra320 Multi-mode LVD/SE SCSI Terminator
More results

Similar Description - SS8218

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
Multi-mode LVD/SE SCSI Terminator
G218B GMT-G218B Datasheet
188Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Maxim Integrated Produc...
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com