Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602GY Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM2602GY
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM2602GY Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM2602GY Datasheet HTML 1Page - Silicon Standard Corp. SSM2602GY Datasheet HTML 2Page - Silicon Standard Corp. SSM2602GY Datasheet HTML 3Page - Silicon Standard Corp. SSM2602GY Datasheet HTML 4Page - Silicon Standard Corp. SSM2602GY Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
11/16/2007 Rev.1.00
www.SiliconStandard.com
2
ELECTRICAL CHARACTERISTICS
(TJ=25
o
C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
20
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.1
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V, ID=5.5A
-
-
30
mΩ
VGS=4.5V, ID=5.3A
-
-
34
mΩ
VGS=2.5V, ID=2.6A
-
-
50
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.5
-
-
V
gfs
Forward Transconductance
VDS=5V, ID=5.3A
-
13
-
S
IDSS
Drain-Source Leakage Current (Tj=25oC)
VDS=20V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=55oC)
VDS=16V ,VGS=0V
-
-
10
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge2
ID=5.3A
-
8.7
16
nC
Qgs
Gate-Source Charge
VDS=10V
-
1.5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
3.6
-
nC
td(on)
Turn-on Delay Time2
VDS=15V
-
6
-
ns
tr
Rise Time
ID=1A
-
14
-
ns
td(off)
Turn-off Delay Time
RG=2Ω,VGS=10V
-
18.4
-
ns
tf
Fall Time
RD=15Ω
-
2.8
-
ns
Ciss
Input Capacitance
VGS=0V
-
603 1085
pF
Coss
Output Capacitance
VDS=15V
-
144
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
111
-
pF
SOURCE-DRAIN DIODE
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
VSD
Forward On Voltage2
IS=1.2A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time2
IS=5A, VGS=0V,
-
16.8
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
11
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in2 copper pad of FR4 board ; 156℃/W when mounted on min. copper pad.
± 12V
±
100
SSM2602GY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com