Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602GY Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM2602GY
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM2602GY Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM2602GY Datasheet HTML 1Page - Silicon Standard Corp. SSM2602GY Datasheet HTML 2Page - Silicon Standard Corp. SSM2602GY Datasheet HTML 3Page - Silicon Standard Corp. SSM2602GY Datasheet HTML 4Page - Silicon Standard Corp. SSM2602GY Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-CHANNEL ENHANCEMENT MODE
POWER MOSFET
11/16/2007 Rev.1.00
www.SiliconStandard.com
1
SSM2602GY
PRODUCT SUMMARY
Capable of 2.5V gate drive
Lower on-resistance
Surface mount package
RoHS Compliant
DESCRIPTION
Advanced Power MOSFETs utilized advanced processing techniques
to achieve the lowest possible on-resistance, extremely efficient and
cost-effectiveness device.
The SOT-26 package is universally used for all commercial–industrial
applications.
ABSOLUTE MAXIMUM RATINGS
BVDSS
20V
RDS(ON)
34mΩ
ID
6.3A
G
D
S
D
D
D
D
G
S
SOT-26
Pb-free; RoHS-compliant
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
62.5
℃/W
THERMAL DATA
Parameter
Storage Temperature Range
Total Power Dissipation
2
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.016
Continuous Drain Current
3, V
GS @ 4.5V
5
Pulsed Drain Current
1,2
30
Gate-Source Voltage
±12
Continuous Drain Current
3, V
GS @ 4.5V
6.3
Parameter
Rating
Drain-Source Voltage
20


Similar Part No. - SSM2602GY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM2602GY VBSEMI-SSM2602GY Datasheet
482Kb / 9P
N-Channel 30 V (D-S) MOSFET
More results

Similar Description - SSM2602GY

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com