Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9315ZP Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9315ZP
Description  E 2 POT TM Nonvolatile Digital Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9315ZP Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9315ZP Datasheet HTML 5Page - Xicor Inc. X9315ZP Datasheet HTML 6Page - Xicor Inc. X9315ZP Datasheet HTML 7Page - Xicor Inc. X9315ZP Datasheet HTML 8Page - Xicor Inc. X9315ZP Datasheet HTML 9Page - Xicor Inc. X9315ZP Datasheet HTML 10Page - Xicor Inc. X9315ZP Datasheet HTML 11Page - Xicor Inc. X9315ZP Datasheet HTML 12Page - Xicor Inc. X9315ZP Datasheet HTML 13Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
X9315
9
TYPICAL ABSOLUTE % ERROR PER TAP POSITION
TYPICAL RELATIVE % ERROR PER TAP POSITION
40.0%
30.0%
20.0%
10.0%
0.0%
-10.0%
-20.0%
-30.0%
-40.0%
0
3
6
9
12
15
Tap
18
21
24
27
30
20.0%
15.0%
10.0%
5.0%
0.0%
-5.0%
-10.0%
-15.0%
-20.0%
0
3
6
9
12
15
Tap
18
21
24
27
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com