Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9315ZP Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9315ZP
Description  E 2 POT TM Nonvolatile Digital Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9315ZP Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9315ZP Datasheet HTML 2Page - Xicor Inc. X9315ZP Datasheet HTML 3Page - Xicor Inc. X9315ZP Datasheet HTML 4Page - Xicor Inc. X9315ZP Datasheet HTML 5Page - Xicor Inc. X9315ZP Datasheet HTML 6Page - Xicor Inc. X9315ZP Datasheet HTML 7Page - Xicor Inc. X9315ZP Datasheet HTML 8Page - Xicor Inc. X9315ZP Datasheet HTML 9Page - Xicor Inc. X9315ZP Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
X9315
6
A.C. CONDITIONS OF TEST
6732 PGM T06
MODE SELECTION
6732 PGM T07
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input Reference Levels
1.5V
CS
INC
U/D
Mode
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby
L
X
No Store, Return to Standby
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified)
6732 PGM T08
A.C. TIMING
Notes: (6) Typical values are for TA = 25°C and nominal supply voltage.
(7) This parameter is periodically sampled and not 100% tested.
(8) MI in the A.C. timing diagram refers to the minimum incremental change in the VW output due to a change in the wiper position.
Limits
Symbol
Parameter
Min.
Typ.(6)
Max.
Units
tCl
CS to INC Setup
100
ns
tlD
INC HIGH to U/D Change
100
ns
tDI
U/D to INC Setup
2.9
µs
tlL
INC LOW Period
1
µs
tlH
INC HIGH Period
1
µs
tlC
INC Inactive to CS Inactive
1
µs
tCPH
CS Deselect Time (NO STORE)
100
ns
tIW
INC to Vw Change
1
5
µs
tCYC
INC Cycle Time
4
µs
tR, tF(7)
INC Input Rise and Fall Time
500
µs
tPU(7)
Power up to Wiper Stable
5
µs
tR VCC(7)
VCC Power-up Rate
0.2
50
mV/
µs
tWR
Store Cycle
5
10
ms
6732 FM 06
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(8)
tIC
tCPH
tF
tR
10%
90%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com