Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9316ZP3 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9316ZP3
Description  E 2 POT??Nonvolatile Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9316ZP3 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9316ZP3 Datasheet HTML 4Page - Xicor Inc. X9316ZP3 Datasheet HTML 5Page - Xicor Inc. X9316ZP3 Datasheet HTML 6Page - Xicor Inc. X9316ZP3 Datasheet HTML 7Page - Xicor Inc. X9316ZP3 Datasheet HTML 8Page - Xicor Inc. X9316ZP3 Datasheet HTML 9Page - Xicor Inc. X9316ZP3 Datasheet HTML 10Page - Xicor Inc. X9316ZP3 Datasheet HTML 11Page - Xicor Inc. X9316ZP3 Datasheet HTML 12Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
X9316
11
PACKAGING INFORMATION
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.020 (0.51)
PIN 1
PIN 1 INDEX
0.050 (1.27)
0.336 (8.55)
0.345 (8.75)
0.004 (0.10)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7
°
14-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050"
Typical
0.050" T
ypical
0.030"
Typical
14 Places
FOO
TPRINT
0.010 (0.25)
0.020 (0.50)
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0
° – 8°
X 45
°
7000 FRM 05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com