Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9316ZP3 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9316ZP3
Description  E 2 POT??Nonvolatile Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9316ZP3 Datasheet(HTML) 1 Page - Xicor Inc.

  X9316ZP3 Datasheet HTML 1Page - Xicor Inc. X9316ZP3 Datasheet HTML 2Page - Xicor Inc. X9316ZP3 Datasheet HTML 3Page - Xicor Inc. X9316ZP3 Datasheet HTML 4Page - Xicor Inc. X9316ZP3 Datasheet HTML 5Page - Xicor Inc. X9316ZP3 Datasheet HTML 6Page - Xicor Inc. X9316ZP3 Datasheet HTML 7Page - Xicor Inc. X9316ZP3 Datasheet HTML 8Page - Xicor Inc. X9316ZP3 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
7000-1.5 7/16/97 T6/C0/D6 SH
1
Characteristics subject to change without notice
X9316
E2POT™ Nonvolatile Digital Potentiometer
FEATURES
• Low Micropower CMOS
—VCC = 3V to 5.5V
—Active Current, 50
µA (Increment) Max
—Standby Current, 400
µA (Store) Max
• Low Noise
• 31 Resistive Elements
—Temperature Compensated
—
± 20% End to End Resistance Range
—–5V to +5V
• 32 Wiper Tap Points
—Wiper Positioned via Three-Wire Interface
—Similar to TTL Up/Down Counter
—Wiper Position Stored in Nonvolatile
Memory and Recalled on Power-Up
• 100 Year Wiper Position Data Retention
• X9316Z = 1K
Ω
• X9316W = 10K
Ω
• Packages
—14-Lead PDIP
—14-Lead SOIC
DESCRIPTION
The Xicor X9316 is a solid state “micropower” nonvolatile
potentiometer and is ideal for digitally controlled resis-
tance trimming in battery-powered systems.
The X9316 is a resistor array composed of 31 resistive
elements. Between each element and at either end are
tap points accessible to the wiper element. The position
of the wiper element is controlled by the CS, U/D, and
INC inputs. The position of the wiper can be stored in
nonvolatile memory and then be recalled upon a subse-
quent power-up operation.
The resolution of the X9316 is equal to the maximum
resistance value divided by 31. As an example, for the
X9316W (10K
Ω) each tap point represents 323Ω.
All Xicor nonvolatile memories are designed and tested
for applications requiring extended endurance and data
retention.
Low Noise, Low Power, 32 Taps
FUNCTIONAL DIAGRAM
7000 FRM F01
5-BIT
UP/DOWN
COUNTER
5-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
THIRTY-
TWO
WIPER
POSITION
DECODER
RESISTOR
ARRAY
VL
VW
VH
U/D
INC
CS
VCC
VSS
CMOS SWITCH
V+
V–
E2POT™ is a trademark of Xicor, Inc.


Similar Part No. - X9316ZP3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9312 XICOR-X9312 Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
logo
Xicor Inc.
X9312TP XICOR-X9312TP Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9312TPI XICOR-X9312TPI Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9312TPM XICOR-X9312TPM Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
More results

Similar Description - X9316ZP3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9315 XICOR-X9315 Datasheet
73Kb / 13P
E 2 POT TM Nonvolatile Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com