Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9971GD Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SSM9971GD
Description  Dual N-channel Enhancement-mode Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9971GD Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SSM9971GD Datasheet HTML 1Page - Silicon Standard Corp. SSM9971GD Datasheet HTML 2Page - Silicon Standard Corp. SSM9971GD Datasheet HTML 3Page - Silicon Standard Corp. SSM9971GD Datasheet HTML 4Page - Silicon Standard Corp. SSM9971GD Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.SiliconStandard.com
4 of 5
SSM9971GD
10/16/2005 Rev.3.1
Fig 7. Gate charge characteristics
Fig 8. Typical capacitance characteristics
Fig 9. Maximum safe operating area
Fig 10. Effective transient thermal impedance
Fig 11. Switching time waveforms
Fig 12. Gate charge diagram
10
100
1000
10000
1
5
9
1317
2125
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
Ciss
Crss
Coss
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
40
Q G , Total Gate Charge (nC)
V DS =48V
V DS =38V
V DS =30V
I D =5A
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Q
VG
10V
QGS
QGD
QG
Charge
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
t
T
0.02
0.01
0.05
0.1
0.2
Duty foctor=0.5
Single Pulse
R
θja=90°C/W
0.01
0.1
1
10
100
0.1
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
1s
1ms
10ms
100ms
DC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com