Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9971GD Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9971GD
Description  Dual N-channel Enhancement-mode Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9971GD Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9971GD Datasheet HTML 1Page - Silicon Standard Corp. SSM9971GD Datasheet HTML 2Page - Silicon Standard Corp. SSM9971GD Datasheet HTML 3Page - Silicon Standard Corp. SSM9971GD Datasheet HTML 4Page - Silicon Standard Corp. SSM9971GD Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
Dual N-channel Enhancement-mode Power MOSFETs
BVDSS
60V
RDS(ON)
50m
Ω
I D
5A
The SSM9971GD acheives fast switching performance
with low gate charge without a complex drive circuit. It
is suitable for low voltage applications such as DC/DC
ABSOLUTE MAXIMUM RATINGS
VDS
VGS
ID
IDM
PD
W/°C
TSTG
TJ
Symbol
Parameter
Value
Units
RΘJA
Maximum thermal resistance, junction-ambient
3
62.5
°C/W
Symbol
Parameter
Value
Units
Drain-source voltage
60
V
Gate-source voltage
Continuous drain current
3
,
T A = 25°C
5
A
TA = 70°C
3.2
A
Pulsed drain current
1,2
20
A
Operating junction temperature range
-55 to 150
°C
Linear derating factor
0.016
Storage temperature range
Total power dissipation
3, T
A = 25°C
2
W
-55 to 150
°C
THERMAL CHARACTERISTICS
± 25
V
Pb-free; RoHS-compliant SO-8
PRODUCT SUMMARY
DESCRIPTION
Notes:
1.Pulse width must be limited to avoid exceeding the maximum junction temperature of 150°C.
2.Pulse width <300us, duty cycle <2%.
3.Mounted on a square inch of copper pad on FR4 board; 90°C/W when mounted on the minimum pad area required for soldering.
converters and general load-switching circuits.
The SSM2310GD is supplied in an RoHS-compliant
PDIP-8 package, which is widely used for medium power
commercial and industrial applications, where through-
hole insertion into the board is required.
S1
G1
S2
G2
D1
D1
D2
D2
PDIP-8
SSM9971GD
10/16/2005 Rev.3.1


Similar Part No. - SSM9971GD

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM9971GH SSC-SSM9971GH Datasheet
286Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9971GJ SSC-SSM9971GJ Datasheet
286Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9971GM SSC-SSM9971GM Datasheet
529Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
More results

Similar Description - SSM9971GD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM9926M ETC-SSM9926M Datasheet
109Kb / 6P
DUAL N CHANNEL ENHANCEMENT MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM4228M SSC-SSM4228M Datasheet
161Kb / 6P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4924GM SSC-SSM4924GM Datasheet
316Kb / 6P
Dual N-channel Enhancement-mode Power MOSFETs
SSM7002DGU SSC-SSM7002DGU Datasheet
814Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
SSM9926GM SSC-SSM9926GM Datasheet
565Kb / 7P
Dual N-channel Enhancement-mode Power MOSFETs
SSM9928 SSC-SSM9928 Datasheet
267Kb / 6P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9973GM SSC-SSM9973GM Datasheet
280Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
SSM9975M SSC-SSM9975M Datasheet
255Kb / 5P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9977M SSC-SSM9977M Datasheet
244Kb / 5P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9980M SSC-SSM9980M Datasheet
232Kb / 5P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com