Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9974GP Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SSM9974GP
Description  N-channel Enhancement-mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9974GP Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SSM9974GP Datasheet HTML 1Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 2Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 3Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 4Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 5Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
PHYSICAL DIMENSIONS - TO-220
PART MARKING - TO-220 and TO-263
PACKING: Moisture sensitivity level MSL3
TO-220: 1000pcs in tubes packed inside a moisture barrier bag (MBB).
PART NUMBER: 9974GP or 9974GS
XXXXXX
YWWSSS
DATE/LOT CODE: (YWWSSS)
Y = last digit of the year
WW = week
SSS = lot code sequence
TO-263: 800 pcs in antistatic tape on a reel packed inside a moisture barrier bag (MBB).
Millimeters
MIN
NOM
MAX
A
4.25
4.48
4.70
b
0.65
0.80
0.90
b1
1.15
1.38
1.60
c
0.40
0.50
0.60
c1
1.00
1.20
1.40
E
9.70
10.00
10.40
e
----
2.54
----
L
12.70
13.60
14.50
L1
2.60
2.80
3.00
L2
1.00
1.40
1.80
L3
2.6
3.10
3.6
L4
14.70
15.50
16
L5
6.30
6.50
6.70
φ
3.50
3.60
3.70
D
8.40
8.90
9.40
1.All dimensions are in millimeters.
2.Dimensions do not include mold protrusions.
SYMBOLS
E
b
b1
e
D
L3
L4
L1
L2
A
c1
c
L
φ
L5
SSM9974GP,S
5/12/2006 Rev.3.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com