Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9974GP Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9974GP
Description  N-channel Enhancement-mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9974GP Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9974GP Datasheet HTML 1Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 2Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 3Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 4Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 5Page - Silicon Standard Corp. SSM9974GP Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
N-channel Enhancement-mode Power MOSFET
BVDSS
60V
RDS(ON)
12m
Ω
I D
72A
The SSM9974 acheives fast switching performance
with low gate charge without a complex drive circuit. It is
suitable for low voltage applications such as DC/DC
Pb-free; RoHS-compliant TO-220
PRODUCT SUMMARY
DESCRIPTION
Notes:
1.Pulse width must be limited to avoid exceeding the safe operating area.
2.Pulse width <300us, duty cycle <2%.
converters and general load-switching circuits.
The SSM9974GS is in a TO-263 package, which is
widely used for commercial and industrial surface-mount
applications.
The through-hole version, the SSM9974GP in TO-220,
is available for vertical mounting, where a small footprint
and TO-263 (D
2PAK)
G
D
S
TO-263 (suffix S)
G
D
S
TO-220 (suffix P)
is required on the board, and/or an external heatsink is
to be attached.
These devices are manufactured with an advanced process,
providing improved on-resistance and switching performance.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Units
VDS
VGS
V
ID
IDM
PD
W/°C
TSTG
TJ
Symbol
Parameter
Value
Units
RΘJC
Maximum thermal resistance, junction-case
1.2
°C/W
RΘJA
Maximum thermal resistance, junction-ambient
62
°C/W
Drain-source voltage
60
V
Gate-source voltage
±20
Continuous drain current, TC = 25°C
72
A
TC = 100°C
46
A
Pulsed drain current
1
300
A
Total power dissipation, TC = 25°C
104
W
-55 to 150
°C
Operating junction temperature range
-55 to 150
°C
Linear derating factor
0.8
THERMAL CHARACTERISTICS
Storage temperature range
SSM9974GP,S
5/12/2006 Rev.3.1


Similar Part No. - SSM9974GP

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM9971 SECOS-SSM9971 Datasheet
591Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SSM9971-C SECOS-SSM9971-C Datasheet
311Kb / 4P
N-Channel Enhancement Mode Power MOSFET
logo
Silicon Standard Corp.
SSM9971GD SSC-SSM9971GD Datasheet
574Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
SSM9971GH SSC-SSM9971GH Datasheet
286Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9971GJ SSC-SSM9971GJ Datasheet
286Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM9974GP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com