Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X84129PI Datasheet(PDF) 2 Page - Xicor Inc.

Part # X84129PI
Description  uPort Saver EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84129PI Datasheet(HTML) 2 Page - Xicor Inc.

  X84129PI Datasheet HTML 1Page - Xicor Inc. X84129PI Datasheet HTML 2Page - Xicor Inc. X84129PI Datasheet HTML 3Page - Xicor Inc. X84129PI Datasheet HTML 4Page - Xicor Inc. X84129PI Datasheet HTML 5Page - Xicor Inc. X84129PI Datasheet HTML 6Page - Xicor Inc. X84129PI Datasheet HTML 7Page - Xicor Inc. X84129PI Datasheet HTML 8Page - Xicor Inc. X84129PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
X84161/641/129
2
PIN DESCRIPTIONS
Chip Enable (CE)
The Chip Enable input must be LOW to enable all read/
write operations. When CE is HIGH, the chip is dese-
lected, the I/O pin is in the high impedance state, and
unless a nonvolatile write operation is underway, the
device is in the standby power mode.
Output Enable (OE)
The Output Enable input must be LOW to enable the out-
put buffer and to read data from the device on the I/O line.
Write Enable (WE)
The Write Enable input must be LOW to write either data
or command sequences to the device.
Data In/Data Out (I/O)
Data and command sequences are serially written to or
serially read from the device through the I/O pin.
Write Protect (WP)
When the Write Protect input is LOW, nonvolatile writes
to the device are disabled. When WP is HIGH, all func-
tions, including nonvolatile writes, operate normally. If a
nonvolatile write cycle is in progress, WP going LOW will
have no effect on the cycle already underway, but will
inhibit any additional nonvolatile write cycles.
PIN CONFIGURATIONS: Drawings are to the same scale, actual package sizes are shown in inches:
VCC
NC
OE
WE
CE
I/O
WP
VSS
1
2
3
4
8
7
6
5
8-LEAD SOIC
7008 FRM F01
1
2
3
4
5
6
7
8
14
13
12
11
10
9
14-LEAD SOIC
CE
I/O
NC
NC
NC
WP
VSS
V CC
NC
NC
NC
NC
OE
WE
PIN NAMES
7008 FRM T01
I/O
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
WP
Write Protect Input
VCC
Supply Voltage
VSS
Ground
NC
No Connect
PACKAGE
SELECTION GUIDE
7008 FRM T0A
84161
8-Lead PDIP
8-Lead SOIC
8-Lead TSSOP
84641
8-Lead PDIP
8-Lead SOIC
20-Lead TSSOP
84129
8-Lead PDIP
14-Lead SOIC
28-Lead TSSOP
1
2
3
4
5
6
7
20
19
18
17
16
15
14
20-LEAD TSSOP
CE
I/O
NC
NC
NC
WP
VSS
VCC
NC
NC
NC
NC
OE
WE
8
9
10
13
12
11
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
20
19
18
17
16
15
28-LEAD TSSOP
NC
NC
WP
VSS
NC
NC
NC
OE
WE
NC
NC
8
9
10
I/O
CE
NC
VCC
NC
NC
CE
CE
NC
NC
NC
NC
NC
NC
11
12
13
14
21
22
23
24
25
26
27
28
X84161
X84641
X84129
.190 in.
.230 in.
.230 in.
.390 in.
.250 in.
.394 in.
.252 in.
. 252 in.
X84129
X84641
NC
NC
NC
OE
NC
VCC
CE
I/O
1
2
3
4
8
7
6
5
8-LEAD TSSOP
X84161
.114 in.
.252 in.
WE
WP
VSS
8-LEAD PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com