Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X84129PI Datasheet(PDF) 5 Page - Xicor Inc.

Part # X84129PI
Description  uPort Saver EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84129PI Datasheet(HTML) 5 Page - Xicor Inc.

  X84129PI Datasheet HTML 1Page - Xicor Inc. X84129PI Datasheet HTML 2Page - Xicor Inc. X84129PI Datasheet HTML 3Page - Xicor Inc. X84129PI Datasheet HTML 4Page - Xicor Inc. X84129PI Datasheet HTML 5Page - Xicor Inc. X84129PI Datasheet HTML 6Page - Xicor Inc. X84129PI Datasheet HTML 7Page - Xicor Inc. X84129PI Datasheet HTML 8Page - Xicor Inc. X84129PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
X84161/641/129
5
Low Power Operation
The device enters an idle state, which draws minimal cur-
rent when:
—an illegal sequence is entered. The following are the
more common illegal sequences:
• Read/Write/Write—any time
• Read/Write ‘1’—When writing the address or
writing data.
• Write ‘1’—when reading data
• Read/Read/Write ‘1’—after data is written to
device, but before entering the NV write sequence.
—the device powers-up;
—a nonvolatile write operation completes.
While a sequential read is in progress, the device
remains in an active state. This state draws more current
than the idle state, but not as much as during a read
itself. To go back to the lowest power condition, an invalid
condition is created by writing a ‘1’ after the last bit of a
read operation.
Write Protection
The following circuitry has been included to prevent
inadvertent nonvolatile writes:
—The internal Write Enable latch is reset upon
power-up.
—A reset sequence must be issued to set the internal
write enable latch before starting a write sequence.
—A special “start nonvolatile write” command sequence
is required to start a nonvolatile write cycle.
—The internal Write Enable latch is reset automatically
at the end of a nonvolatile write cycle.
—The internal Write Enable latch is reset and remains
reset as long as the WP pin is LOW, which blocks all
nonvolatile write cycles.
—The internal Write Enable latch resets on an invalid
write operation.
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW to
HIGH
Will change
from LOW to
HIGH
May change
from HIGH to
LOW
Will change
from HIGH to
LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com