Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # CS10
Description  CS Current Detecting Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CS10 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  CS10 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
02 of 08
Dimensions (Unit: mm)
Protective Layer
Marking
Sn Plating
Ni Plating
Thin Film Nicr Conductor
Metal Resistive Element
Overcoat
Alumina Ceramic Substrate
0201/0402/0603/0805/1206/2010/2512
W
L
D1
D1
D2
D2
T
L
W
1225/3720/7520
R010
Type
L (Unit: mm)
W (Unit: mm)
T (Unit: mm)
D1 (Unit: mm)
D2 (Unit: mm)
CS01 (0201)
0.58±0.05
0.29±0.05
0.23±0.05
0.12±0.05
0.15±0.05
CS02 (0402)
1.00±0.05
0.50±0.05
0.32±0.10
0.25±0.10
0.20±0.10
CS03 (0603)
1.60±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
CS05 (0805)
2.00±0.15
1.25±0.15
0.55±0.10
0.30±0.20
0.40±0.25
CS06 (1206)
3.05±0.15
1.55±0.15
0.55±0.10
0.50±0.30
0.40±0.25
CS13 (1210)
3.00±0.15
2.50±0.15
0.55±0.10
0.50±0.30
0.50±0.25
CS10 (2010)
5.00±0.20
2.45±0.15
0.60±0.15
0.60±0.30
0.50±0.25
CS12 (2512)
6.35±0.20
3.15±0.15
0.60±0.10
0.60±0.30
0.55±0.25
CS12 (2512)(2W)(10~99mΩ)
6.35±0.20
3.15±0.15
0.74±0.10
0.60±0.30
0.55±0.25
CS12 (2512)(2W)(100~1000mΩ)
6.35±0.20
3.15±0.15
0.74±0.10
0.60±0.30
2.70±0.10
CS25 (1225)
3.10±0.15
6.30±0.15
0.90±0.15
0.60±0.30
0.55±0.25
CS37 (3720)
2.00±0.20
3.75±0.20
0.60±0.10
0.40±0.20
0.40±0.20
CS75 (7520)
2.00±0.20
7.50±0.30
0.60±0.10
0.40±0.20
0.40±0.20
CS Current Detecting Chip Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com