Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # CS10
Description  CS Current Detecting Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CS10 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  CS10 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. CS10 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
03 of 08
Standard Electrical Specifications
Type
Power Rating
at 70°C
Operating
Temp. Range
Resistance
Tolerance
Resistance
Range
TCR
(PPM/°C)
CS01 (0201)
1/20W
-55 ~ +155°C
±1%
±2%
±5%
100mΩ~149mΩ
150mΩ~500mΩ
501mΩ~1000mΩ
±1000PPM/°C
±600PPM/°C
±300PPM/°C
CS02 (0402)
1/16W
50mΩ~100mΩ
101mΩ~500mΩ
501mΩ~1Ω
±400PPM/°C
±300PPM/°C
±200PPM/°C
CS03 (0603)
1/10W
20mΩ~50mΩ
51mΩ~100mΩ
101mΩ~500mΩ
501mΩ~1Ω
±600PPM/°C
±400PPM/°C
±300PPM/°C
±200PPM/°C
CS05 (0805)
1/8W
20mΩ~50mΩ
51mΩ~100mΩ
101mΩ~500mΩ
501mΩ~1Ω
±600PPM/°C
±400PPM/°C
±300PPM/°C
±200PPM/°C
CS06 (1206)
1/4W
10mΩ~20mΩ
21mΩ~50mΩ
51mΩ~500mΩ
501mΩ~1Ω
±600PPM/°C
±400PPM/°C
±300PPM/°C
±200PPM/°C
CS13 (1210)
1/2W
CS10 (2010)
3/4W
CS12 (2512)
1W
CS25 (1225)
3W
3mΩ~5mΩ
6mΩ~20mΩ
21mΩ~30mΩ
31mΩ~200mΩ
±300PPM/°C
±200PPM/°C
±150PPM/°C
±100PPM/°C
±200PPM/°C
CS37 (3720)
1W
10mΩ~19mΩ
20mΩ~500mΩ
±300PPM/°C
±150PPM/°C
CS75 (7520)
2W
±2%,±5%
1mΩ~4mΩ
±300PPM/°C
±1%,±2%,±5%
5mΩ~10mΩ
11mΩ~350mΩ
±200PPM/°C
±150PPM/°C
Note:Token has the ability to manufacture following options based on customer’s requirement.
Low TCR Electrical Specifications
Type
Power Rating
at 70°C
Operating Temp.
Range
Resistance
Tolerance
Resistance Range
TCR
CS06*TRE**
1/4W
-55 ~ +155°C
±1%
±2%
±5%
100mΩ~1000mΩ
±100PPM/°C
CS13*TRE**
1/2W
100mΩ~1000mΩ
±100PPM/°C
CS10*TRE**
3/4W
100mΩ~1000mΩ
±100PPM/°C
CS12*TRE**
1W
20mΩ~1000mΩ
±100PPM/°C
CS37*TRE**
1W
100mΩ~500mΩ
±100PPM/°C
CS75*TRE**
2W
50mΩ~350mΩ
±100PPM/°C
CS Current Detecting Chip Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com