Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1575S40C Datasheet(PDF) 13 Page - Token Electronics Industry Co., Ltd.

Part # DF1575S40C
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF1575S40C Datasheet(HTML) 13 Page - Token Electronics Industry Co., Ltd.

Back Button DF1575S40C Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13 of 19
BP-R Dielectric Bandpass Filters
Preview
Dielectric bandpass filters, known as ceramic bandpass filters, dielectric ceramic filters, or microwave ceramic
filters in standard resonator sizes. Token BP-R series center frequency range is from 915 MHz to 1220 MHz
basic rules of ceramic band-pass filters and diplexer. Insertion loss is from 2.0 ~ 3.5 (dB) max and a ripple in
bandwidth 0.5 (dB) max.
The higher the Q-factor of a resonators/band pass filters, the better electrical performance for insertion loss. The
more dielectric resonators combined together for a band pass ceramic filters, the better rejection, attenuation, and
stopband will be. Determinant factor for Insertion Loss Q factor of a resonator, the bandwidth of a filter, and the
number of resonators Determinant factor for Attenuation/rejection The number of resonators, connection type of
resonators.
Token RF ceramic bandpass filters can be customed designs and tighter tolerances available on request. Token
BP-R series are primarily designed for high dielectric constant lines and conform to the RoHS directive.
The (BP-R) series feeature with high permittivity, high dielectric constants, extremely temperature stability and
high Q that enables the design of stable microwave oscillators and filters. High dielectric constant (K) materials
and associated products are also available for custom application requirements.
Please contact our sales for more information.
Features
- Low insertion loss.
- Size small and light.
- High frequency selectivity.
- Temperature compensated.
Applications
- Trunked radio system.
- Cellular, cordless phone.
- Military affairs, Base station.
Dielectric
Bandpass Filters
(BP-R)
Dielectric Bandpass Filters (BP-R)
Have a Low Ripple In Bandwidth 0.5 (dB) Max.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com