Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1575S40C Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # DF1575S40C
Description  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF1575S40C Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  DF1575S40C Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
04 of 19
DF-B Dielectric Filters
Dielectric Filters
(DF-B)
Token Dielectric Filter (DF-B)
has a Ripple in Band Width (dB) 0.5 max.
Preview
Token Dielectric Filter (DF-B) manufactures with a fine-grained, high density, high purity dielectric material to
keep the best performance with a ripple in band width (dB) 0.5 max.
The (DF-B) filter’s small size (8.5 x 6.0 x 3.0 mm) means they require more less mounting space. Available
Center Frequency 650 MHz to 916 MHz with V.S.W.R 1.5 max., insertion loss 2.0 ~ 5.0 (dB) max.
RF dielectric filters are mounted in a surface mount package which assures mechanical stability and excellent
lead coplanarity. RF filters can be customed designs and tighter tolerances available on request.
Products conform to the RoHS directive. Application of specific designs also available including different
Dielectric values and Q specifications adjusted to frequency requirements.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com