Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT3.58MBP Datasheet(PDF) 13 Page - Token Electronics Industry Co., Ltd.

Part # XT3.58MBP
Description  CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT3.58MBP Datasheet(HTML) 13 Page - Token Electronics Industry Co., Ltd.

Back Button XT3.58MBP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
XT MJ Chrominance Carrier trap
Ceramic Trap Filters
for 3.58 MHz ~ 6.5 MHz
Chrominance Carrier
XT MJ for Chrominance Carrier ( Murata TPS MJ
Series Compatible ) - 3.58 MHz ~ 6.5 MHz (XT MJ)
Preview
XT MJ Series are band reject device used for video and
sound IF attenuation. The 2 terminal XT MJ Series can
be used to attenuate either the sound signal in B/W
receivers or the chroma signal in video.
XTMJ Trap Filter Quick Selection :
1. Dimensions (Unit: mm): 10.0 max x 10.0 max x 5.0 max.
2. XT3.58MJ Cener Frequency f0:3.58MHz; 20db min @f0; 20(kHz)min@20dB Att BW
3. XT4.43MJ Cener Frequency f0:4.43MHz; 20db min @f0; 40(kHz)min@20dB Att BW
4. XT4.5MJ Cener Frequency f0:4.5MHz; 20db min @f0; 40(kHz)min@20dB Att BW
5. XT5.74MJ Cener Frequency f0:5.74MHz; 20db min @f0; 40(kHz)min@20dB Att BW
6. XT5.5MJ Cener Frequency f0:5.5MHz; 20db min @f0; 40(kHz)min@20dB Att BW
7. XT6.0MJ Cener Frequency f0:6.0MHz; 20db min @f0; 40(kHz)min@20dB Att BW
8. XT6.5MJ Cener Frequency f0:6.5MHz. 20db min @f0; 40(kHz)min@20dB Att BW
Filter Features :
1. RoHS Compliant.
2. TV SIF stage use.
3. Low insertion loss.
4. Wide bandwidth Ceramic Trap.
5. Excellent spurious suppression characteristics.
11 of 13
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com