Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT3.58MBP Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # XT3.58MBP
Description  CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT3.58MBP Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  XT3.58MBP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. XT3.58MBP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
XT MB Ceramic Trap Filters
Ceramic Trap Filters
for TV/VCR Stage
3.58 MHz ~ 6.5 MHz
XTMB Ceramic Trap Filters for TV/VCR Stage
(Murata TPS MB Series Compatible)
Preview
Token Ceramic Trap Filter is employing piezoelectric technology’s mechanical resonance, it is almost unaffected
by the surrounding circuits, and its characteristics do not deviate when it is implanted in the printed circuit and no
adjustment is required.
Utilize Token special piezoelectric materials, Token trap filters has a high Q compared with IFT and a high
selectivity is obtained. It also has a remarkable frequency temperature coefficient, high selectivity and high
stability.
In TV set, video signal is used in picture amplitude circuit after video signal detection block, ceramic resonator is
insert here and trap circuit is formed in order to eliminate sound signal involved in video signal.
Token Ceramic Trap Filters - XT MB Series are band reject type used for video and sound IF attenuation. The
3 terminal XT MB Series contains 2 elements on one substrate for additional attenuation. XT MB Series can be
used in the sound IF of CATV/VCR receivers.
The XTMB series is lead-free and RoHS compliant. Token will also produce devices outside these specifications
to meet specific customer requirements, please contact our sales for more information.
XTMB Trap Filter Quick Selection :
1. Dimensions (Unit: mm): 10.0 max x 8.0 max x 4.0 max.
2. XT3.58MB Cener Frequency f0:3.580MHz; 25db min @f0; 40(kHz)min@25dB Att BW
3. XT4.43MB Cener Frequency f0:4.430MHz; 30db min @f0; 50(kHz)min@30dB Att BW
4. XT4.5MB Cener Frequency f0:4.500MHz; 35db min @f0; 70(kHz)min@30dB Att BW
5. XT5.5MB Cener Frequency f0:5.500MHz; 35db min @f0; 90(kHz)min@30dB Att BW
6. XT5.74MB Cener Frequency f0:5.742MHz; 35db min @f0; 90(kHz)min@30dB Att BW
7. XT6.5MB Cener Frequency f0:6.500MHz; 35db min @f0; 90(kHz)min@30dB Att BW
03 of 13
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com