Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLP Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TCLP
Description  TCLP/TCVP Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCLP Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TCLP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCLP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCLP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Version 2010
Large Current
Power Inductors
TCLP/TCVP Power Inductors
Token introduces high-current & high saturation
flux density compact power inductor (TCLP/TCVP)
Preview
Token Electronics Power Solutions has enhanced its toroidal surface-mount and radial lead inductor portfolios
with the addition of four new ranges of RoHS compliant components. The surface mount (TCLP/TCVP) series
are general-purpose radial leaded inductors suitable for providing high saturation flux density and higher current
ratings applications such as those found in power supplies.
The (TCLP/TCVP) series of toroidal surface-mount inductors meanwhile are designed for use in switching
AC/DC power supplies and DC/DC converters. Both of TCLP and TCVP version secure 4 terminal mounting
inductor more versatile inductance combination by series or parallel connections. Token (TCLP/TCVP) surface
mount magnetics that can be used as single, or coupled inductors, or 1:1 transformers that provide isolation
between two windings are designed around high frequency low loss material.
The (TCLP/TCVP) series toroidal surface-mount inductors have compact overall dimensions with a maximum
overall height of less than 13 mm and 21 mm. The toroidal construction of the new inductors aids design
engineers by helping minimise EMI issues.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features :
- high saturation for surface mounting.
- Large Current and Low DCR.
Applications :
- TV BOX.
- Power supply applications.
- Output Ripple Current Filter.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCLP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCLP476M006-0500 AVX-TCLP476M006-0500 Datasheet
118Kb / 4P
Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCLP476M0060500 AVX-TCLP476M0060500 Datasheet
202Kb / 4P
Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCLP476M0060500 AVX-TCLP476M0060500 Datasheet
109Kb / 4P
Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCLP476M0060500 AVX-TCLP476M0060500 Datasheet
109Kb / 4P
Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCLP

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com