Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TCLP
Description  TCLP/TCVP Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCLP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TCLP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCLP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCLP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
Part Number: TCLP, TCVP
How to Order
60E
TCLP
151
Core Material
Tolerance
Code
Tolerance
M
20%
N
30%
M
Code
Inductance
151
150µHc
471
470.00µH
102
1000.00µH
Inductance
Version 2010
TCLP/TCVP Power Inductors
Back to 1st Page - Large Current Power Inductors (TCLP/TCVP)
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com