Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRMI201209-R39 Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # TRMI201209-R39
Description  TRMI Chip Multilayer Ferrite Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMI201209-R39 Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

  TRMI201209-R39 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Environmental Characteristics
Item
Specification
Test Methods
Flexure
Strength
The forces applied on
the right conditions must not
damage the terminal electrode
and the ferrite
Test device shall be soldered on the substrate Substrate
Dimension:100×40×1.6mm
Deflection: 2.0mm
Keeping Time: 30sec
For 0402, substrate dimension
is 100×40×0.8mm
Vibration
Test device shall be soldered on the substrate
Oscillation Frequency : 10 to 55 to 10Hz for 1min Amplitude :
1.5mm
Time : 2hrs for each axis (X,Y&Z), total 6hrs
Resistance to
Soldering
Heat
Appearance: No damage
More than 75% of the terminal.
Electrode should be covered
with solder.
Inductance: within ± 15% of
initial value
Q: within ± 30% of initial value
Inductance: within± 20% of
initial value (0603 over 12uH)
Pre-heating: 150°C, 1min
Solder Composition: Sn/Ag3.0/Cu0.5 (Pb-Free)
Solder Temperature: 260 ± 5°C(Pb-Free)
Immersion Time: 10 ± 1sec
Solderability The electrodes shall be
at least 90% covered
with new solder coating
Pre-heating: 150°C, 1min
Solder Composition: Sn/Ag3.0/Cu0.5 (Pb-Free)
Solder Temperature: 245 ± 5°C(Pb-Free)
Immersion Time: 4 ± 1sec
Temperature
Cycle
Appearance: No damage
L change: within± 10% of initial
value
Q change: within± 30% of initial
value
One cycle:
step1: -25 ± 3°C for 30min
step2: 25 ± 2°C for 3.0min
step3: 85 ± 3°C for 30min
step4: 25 ± 2°C for 3.0min
Total: 100cycles
Measured after exposure in the room condition for 24hrs
Humidity
Resistance
Temperature: 40 ± 2°C
Relative Humidity: 90 ~ 95%
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
High
Temperature
Resistance
Temperature: 125 ± 3°C
Relative Humidity : 20%
Applied Current: Rated Current
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
Low
Temperature
Resistance
Temperature: -25 ± 3°C
Relative Humidity : 0%
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
45
45
20
2
1.6
TRMI Chip Multilayer Ferrite Inductors
05 of 10
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com