Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRMI201209-R39 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TRMI201209-R39
Description  TRMI Chip Multilayer Ferrite Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMI201209-R39 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TRMI201209-R39 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMI201209-R39 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TRMI Chip Multilayer Ferrite Inductors
04 of 10
TRMI201209 Chips (EIA 0805) Electrical Characteristics
Part Number
Inductance
(nH)
Tolerance
L/Q Freq.
(MHz)
Q
(min)
SRF
(MHz)(min)
DCR
(Ω)(max)
IDC
(mA)(max)
TRMI201209 - 47N
47
± 20%
50MHz, 200mV
20
320
0.20
300
TRMI201209 - 56N
56
± 20%
50MHz, 200mV
20
320
0.20
300
TRMI201209 - 68N
68
± 20%
50MHz, 200mV
20
280
0.20
300
TRMI201209 - 82N
82
± 20%
50MHz, 200mV
20
255
0.20
300
TRMI201209 - R10
100
± 10,± 20% 25MHz, 200mV
20
235
0.30
250
TRMI201209 - R12
120
± 10,± 20% 25MHz, 200mV
20
220
0.30
250
TRMI201209 - R15
150
± 10,± 20% 25MHz, 200mV
20
200
0.40
250
TRMI201209 - R18
180
± 10,± 20% 25MHz, 200mV
20
185
0.40
250
TRMI201209 - R22
220
± 10,± 20% 25MHz, 200mV
20
170
0.50
250
TRMI201209 - R27
270
± 10,± 20% 25MHz, 200mV
20
150
0.50
250
TRMI201209 - R33
330
± 10,± 20% 25MHz, 200mV
20
145
0.55
250
TRMI201209 - R39
390
± 10,± 20% 25MHz, 200mV
25
135
0.65
200
TRMI201209 - R47
470
± 10,± 20% 25MHz, 200mV
25
125
0.65
200
TRMI201209 - R56
560
± 10,± 20% 25MHz, 200mV
25
115
0.75
150
TRMI201209 - R68
680
± 10,± 20% 25MHz, 200mV
25
105
0.80
150
TRMI201209 - R82
820
± 10,± 20% 25MHz, 200mV
25
100
1.00
150
TRMI201209 - 1R0
1000
± 10,± 20% 10MHz, 200mV
45
75
0.40
50
TRMI201209 - 1R2
1200
± 10,± 20% 10MHz, 200mV
45
65
0.50
50
TRMI201209 - 1R5
1500
± 10,± 20% 10MHz, 200mV
45
60
0.50
50
TRMI201209 - 1R8
1800
± 10,± 20% 10MHz, 200mV
45
55
0.60
50
TRMI201209 - 2R2
2200
± 10,± 20% 10MHz, 200mV
45
50
0.65
30
TRMI201212 Chips (EIA 0805) Electrical Characteristics
Part Number
Inductance
(nH)
Tolerance
L/Q Freq.
(MHz)
Q
(min)
SRF
(MHz)(min)
DCR
(Ω)(max)
IDC
(mA)(max)
TRMI201212 - 2R7
2700
± 10,± 20% 10MHz, 200mV
45
45
0.75
30
TRMI201212 - 3R3
3300
± 10,± 20% 10MHz, 200mV
45
41
0.80
30
TRMI201212 - 3R9
3900
± 10,± 20% 10MHz, 200mV
45
38
0.90
30
TRMI201212 - 4R7
4700
± 10,± 20% 10MHz, 200mV
45
35
1.00
30
TRMI201212 - 5R6
5600
± 10,± 20% 4MHz, 200mV
45
32
0.90
15
TRMI201212 - 6R8
6800
± 10,± 20% 4MHz, 200mV
45
29
1.00
15
TRMI201212 - 8R2
8200
± 10,± 20% 4MHz, 200mV
45
26
1.10
15
TRMI201212 - 100
10000
± 10,± 20% 2MHz, 60mV
45
24
1.15
15
TRMI201212 - 120
12000
± 10,± 20% 2MHz, 60mV
45
22
1.25
15
TRMI201212 - 150
15000
± 10,± 20% 1MHz, 60mV
30
19
0.80
5
TRMI201212 - 180
18000
± 10,± 20% 1MHz, 60mV
30
18
0.90
5
TRMI201212 - 220
22000
± 10,± 20% 1MHz, 60mV
30
16
1.10
5
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com