Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCRB0807-391M Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TCRB0807-391M
Description  TCRB Coil Choke Inductors Radial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRB0807-391M Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TCRB0807-391M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
03 of 07
(TCRB0606) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRB0606 - 220M
22.00
1
0.110
1.27
TCRB0606 - 270M
27.00
1
0.140
1.14
TCRB0606 - 330M
33.00
1
0.170
1.03
TCRB0606 - 390M
39.00
1
0.190
0.95
TCRB0606 - 470M
47.00
1
0.230
0.87
TCRB0606 - 560M
56.00
1
0.260
0.80
TCRB0606 - 680M
68.00
1
0.280
0.72
TCRB0606 - 820M
82.00
1
0.390
0.66
TCRB0606 - 101M
100.00
1
0.430
0.59
TCRB0606 - 121M
120.00
1
0.540
0.54
TCRB0606 - 151M
150.00
1
0.640
0.48
TCRB0606 - 181M
180.00
1
0.740
0.44
TCRB0606 - 221M
220.00
1
0.960
0.40
TCRB0606 - 271M
270.00
1
1.120
0.36
TCRB0606 - 331M
330.00
1
1.480
0.33
TCRB0606 - 391M
390.00
1
1.660
0.30
TCRB0606 - 471M
470.00
1
1.910
0.27
TCRB0606 - 561M
560.00
1
2.310
0.25
TCRB0606 - 681M
680.00
1
2.670
0.23
TCRB0606 - 821M
820.00
1
3.100
0.21
TCRB0606 - 102M
1000.00
1
4.450
0.19
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
Version 2010
TCRB Coil Choke Inductors Radial
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com