Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCRB0807-391M Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TCRB0807-391M
Description  TCRB Coil Choke Inductors Radial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRB0807-391M Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TCRB0807-391M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRB0807-391M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
05 of 07
(TCRB0807) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRB0807 - 100M
10.00
1
0.050
2.90
TCRB0807 - 120M
12.00
1
0.060
2.50
TCRB0807 - 150M
15.00
1
0.070
2.20
TCRB0807 - 180M
18.00
1
0.080
1.90
TCRB0807 - 220M
22.00
1
0.090
1.80
TCRB0807 - 270M
27.00
1
0.110
1.70
TCRB0807 - 330M
33.00
1
0.130
1.50
TCRB0807 - 390M
39.00
1
0.140
1.30
TCRB0807 - 470M
47.00
1
0.150
1.30
TCRB0807 - 560M
56.00
1
0.180
1.20
TCRB0807 - 680M
68.00
1
0.200
1.10
TCRB0807 - 820M
82.00
1
0.240
1.00
TCRB0807 - 101M
100.00
1
0.280
0.89
TCRB0807 - 121M
120.00
1
0.360
0.81
TCRB0807 - 151M
150.00
1
0.420
0.72
TCRB0807 - 181M
180.00
1
0.570
0.66
TCRB0807 - 221M
220.00
1
0.630
0.57
TCRB0807 - 271M
270.00
1
0.880
0.51
TCRB0807 - 331M
330.00
1
1.050
0.46
TCRB0807 - 391M
390.00
1
1.170
0.44
TCRB0807 - 471M
470.00
1
1.340
0.41
TCRB0807 - 561M
560.00
1
1.720
0.36
TCRB0807 - 681M
680.00
1
1.960
0.33
TCRB0807 - 821M
820.00
1
2.560
0.30
TCRB0807 - 102M
1000.00
1
2.940
0.27
TCRB0807 - 122M
1200.00
1
4.040
0.24
TCRB0807 - 152M
1500.00
1
4.700
0.22
TCRB0807 - 182M
1800.00
1
5.050
0.20
TCRB0807 - 222M
2200.00
1
6.250
0.18
TCRB0807 - 272M
2700.00
1
8.720
0.16
TCRB0807 - 332M
3300.00
1
10.600
0.15
TCRB0807 - 392M
3900.00
1
14.200
0.14
TCRB0807 - 472M
4700.00
1
16.700
0.12
TCRB0807 - 562M
5600.00
1
18.700
0.11
TCRB0807 - 682M
6800.00
1
21.800
0.10
TCRB0807 - 822M
8200.00
1
28.700
0.093
TCRB0807 - 103M
10000.00
1
33.000
0.084
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
Version 2010
TCRB Coil Choke Inductors Radial
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com