Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSPA-1250-R33M Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TPSPA-1250-R33M
Description  TPSPA High Saturation Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSPA-1250-R33M Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TPSPA-1250-R33M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R33M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R33M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R33M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R33M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R33M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R33M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R33M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R33M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
01 of 09
SMT High Saturation
Power Inductors
TPSPA High Saturation Power Inductors
Token Power Inductor Enhances Low DCR High
Saturation Current With Up To 1MHz High Frequency
Preview
Token Electronics has added two new ranges of low-profile wirewound chip inductors, TPSME3010 and
TPSME3015, for use in DC-DC converter applications to increase flexibility of maximum height measurements
with extended electrical characteristics.
The new TPSME series is designed to provide a good balance of height and performance within chip power
inductor offering. The TPSME3010 Series was developed to have a low profile height of 1.0mm. The
TPSME3015 Series was developed to have a medium range maximum height of 1.5mm. This two TPSME family
enables flexibility and efficiency.
Both winding chip coils the TPSME3010 series and TPSME3015 series of inductors offer low DC resistance and
large rated current. This is vital for DC-DC converter applications as it prevents energy dissipation from the chip
inductor, improving the converter’s overall efficiency.
The new ranges deliver a good size/performance ratio with low DC resistances of 0.065ohm (TPSME3010) and
0.040ohm (TPSME3015). Their low-profile 1212 size packaging is designed to save space, measuring 3 x 3 x
1mm (TPSME3010) or 3 x 3 x 1.5mm (TPSME3015). A wide range of inductances is also available: 1.0μH to
47μH for the TPSME3010 series and 1.0μH to 100μH for the TPSME3015 series. The parts come with high
rated currents, up to 2.35A, and feature magnetic shielding as standard. Operating temperature range is -40°C to
+105°C.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements,please contact our sales for more information.
Features :
- Low Profile: 3.0mm ~ 6.5mm.
- Low DCR, SMT Power Inductor.
- High Frequency (up to 1MHz).
- For Large Current Use: 10 amp ~ 60 amp.
Applications :
- Inductor for general purpose use.
- DC-DC converter or VRM applications.
- Thin type on-board power supply module for exchanger.
- Notebook, Laptop Computer, Graphic Card, VGA
Module.
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010


Similar Part No. - TPSPA-1250-R33M

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPSP0201B-ULC-01UTG TECHPUBLIC-TPSP0201B-ULC-01UTG Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
TPSP0402U-ULC-02ETG TECHPUBLIC-TPSP0402U-ULC-02ETG Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode
TPSP1002-01JTG TECHPUBLIC-TPSP1002-01JTG Datasheet
1Mb / 4P
8kV Bidirectional TVS Array
TPSP1002-02JTG TECHPUBLIC-TPSP1002-02JTG Datasheet
1Mb / 4P
8kV Bidirectional TVS Array
TPSP1003-01ETG TECHPUBLIC-TPSP1003-01ETG Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
More results

Similar Description - TPSPA-1250-R33M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01_17 Datasheet
171Kb / 5P
IHLP Commercial Inductors, High Saturation
07-Jun-17
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01_17 Datasheet
135Kb / 5P
IHLP Commercial Inductors, High Saturation
07-Jun-17
IHLP-2525CZ-A1 VISHAY-IHLP-2525CZ-A1_17 Datasheet
157Kb / 4P
Automotive Inductors, High Saturation Series
08-Jun-17
IHLP-3232CZ-A1 VISHAY-IHLP-3232CZ-A1 Datasheet
285Kb / 6P
Automotive Inductors, High Saturation
08-Jun-17
IHLP-3232DZ-A1 VISHAY-IHLP-3232DZ-A1 Datasheet
303Kb / 6P
Automotive Inductors, High Saturation
08-Jun-17
IHLP-5050CE-A1 VISHAY-IHLP-5050CE-A1 Datasheet
151Kb / 5P
Automotive Inductors, High Saturation
08-Jun-17
IHLP-5050EZ-A1 VISHAY-IHLP-5050EZ-A1 Datasheet
137Kb / 5P
Automotive Inductors, High Saturation
08-Jun-17
IHLP-5050FD-A1 VISHAY-IHLP-5050FD-A1 Datasheet
155Kb / 6P
Automotive Inductors, High Saturation
08-Jun-17
IHLP-1212AZ-A1 VISHAY-IHLP-1212AZ-A1 Datasheet
253Kb / 4P
IHLP® Automotive Inductors, High Saturation Series
29-May-2019
IHPL-1616BZ-A1 VISHAY-IHPL-1616BZ-A1 Datasheet
224Kb / 4P
IHLP® Automotive Inductors, High Saturation Series
16-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com