Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSPA-1250-R68M Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TPSPA-1250-R68M
Description  TPSPA High Saturation Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSPA-1250-R68M Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  TPSPA-1250-R68M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
08 of 09
(TPSPA1265) Electrical Characteristics
Part Numbers
L0 Inductance
(µH) ±20% @0A
DCR (mΩ)
Heat Rating Current
Idc (Amp) Typical
Saturation Current
Isat (Amp) Typical
(Typical)
(Max)
TPSPA-1265-R10M
0.10
0.47
0.50
60
120
TPSPA-1265-R15M
0.15
0.53
0.60
55
118
TPSPA-1265-R22M
0.22
0.63
0.70
53
112
TPSPA-1265-R30M
0.30
0.70
0.80
48
72
TPSPA-1265-R33M
0.33
0.83
0.90
46
65
TPSPA-1265-R40M
0.40
0.90
1.00
44
64
TPSPA-1265-R47M
0.47
1.00
1.20
41
63
TPSPA-1265-R56M
0.56
1.20
1.40
37
62
TPSPA-1265-R68M
0.68
1.40
1.60
35
60
TPSPA-1265-R82M
0.82
1.60
1.90
33
50
TPSPA-1265-1R0M
1.0
1.70
2.00
32
49
TPSPA-1265-1R2M
1.2
2.10
2.50
30
48
TPSPA-1265-1R5M
1.5
2.50
3.00
27
45
TPSPA-1265-1R8M
1.8
2.80
3.20
24
41
TPSPA-1265-2R2M
2.2
3.50
4.20
22
40
TPSPA-1265-3R3M
3.3
5.70
6.80
18
35
TPSPA-1265-4R7M
4.7
9.30
11.2
13.5
30
TPSPA-1265-5R6M
5.6
9.30
10.0
13.5
26.5
TPSPA-1265-6R8M
6.8
13.1
14.0
11.5
16.5
TPSPA-1265-8R2M
8.2
14.5
15.5
10.5
16.0
TPSPA-1265-100M
10
15.8
16.8
10
15.5
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
TPSPA High Saturation Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com