Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSPA-1250-R68M Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TPSPA-1250-R68M
Description  TPSPA High Saturation Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSPA-1250-R68M Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TPSPA-1250-R68M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSPA-1250-R68M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
02 of 09
Dimensions & Configurations
(TPSPA0603) Electrical Characteristics
A
D C
E
B
Type
A
B
C
D
E
TPSPA0603
6.8max
7.1 ± 0.3
3.0 max.
3.0 ± 0.3
1.6 ± 0.3
TPSPA0603A
6.8max
7.1 ± 0.3
3.0 max.
3.0 ± 0.3
1.6 ± 0.3
TPSPA1040
10.5 ± 0.5
11.5 ± 1.0
4.0 max.
3.0 ref.
2.3 ref.
TPSPA1040A
10.5 ± 0.5
11.5 ± 1.0
4.0 max.
2.5 ref.
2.3 ref.
TPSPA1040B
10.5 ± 0.5
11.5 ± 1.0
4.0 max.
3.0 ref.
2.3 ref.
TPSPA1040C
10.5 ± 0.5
11.5 ± 1.0
4.0 max.
3.0 ref.
2.3 ref.
TPSPA1235
12.8 ± 0.5
13.2 ± 1.0
3.5 max.
3.8 ref.
2.5 ref.
TPSPA1240
12.8 ± 0.5
13.2 ± 1.0
4.0 max.
3.8 ref.
2.5 ref.
TPSPA1250
12.8 ± 0.5
13.2 ± 1.0
5.0 max.
3.8 ref.
2.5 ref.
TPSPA1265
12.8 ± 0.5
13.2 ± 1.0
6.5 max.
3.8 ref.
2.5 ref.
Part Number
L0 Inductance
(µH) ±20% @0A
DCR (mΩ)
Heat Rating Current
Idc (Amp) Typical
Saturation Current
Isat (Amp) Typical
(Typical)
(Max)
TPSPA-0603-R10M
0.10
1.5
1.7
32.5
60
TPSPA-0603-R15M
0.15
1.9
2.5
26
52
TPSPA-0603-R20M
0.20
2.4
3.0
24
41
TPSPA-0603-R22M
0.22
2.5
2.8
23
40
TPSPA-0603-R33M
0.33
3.5
3.9
20
30
TPSPA-0603-R47M
0.47
4.0
4.2
17.5
26
TPSPA-0603-R68M
0.68
5.0
5.5
15.5
25
TPSPA-0603-R82M
0.82
6.7
8.0
13
24
TPSPA-0603-1R0M
1.0
9
10.0
11
22
TPSPA-0603-1R5M
1.5
14
15.0
9
18
TPSPA-0603-2R2M
2.2
18
20.0
8
14
TPSPA-0603-3R3M
3.3
28
30.0
6
13.5
TPSPA-0603-4R7M
4.7
37
40.0
5.5
10
TPSPA-0603-6R8M
6.8
54
60.0
4.5
8
TPSPA-0603-8R2M
8.2
64
68.0
4
7.5
TPSPA-0603-100M
10.0
102
105.0
3
7
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
TPSPA High Saturation Power Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com