Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPUTX-2P Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TPUTX-2P
Description  TPUTX Chip Toroidal Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPUTX-2P Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TPUTX-2P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPUTX-2P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPUTX-2P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPUTX-2P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 04
Version 2010
Chip Toroidal
Power Inductors
TPUTX Chip Toroidal Power Inductors
Token Compact Power Toroidal Inductors
Are Bursting With Energy (TPUTX)
Preview
Token Power Solutions has enhanced its toroidal surface-mount inductor portfolios with the addition of four new
ranges (TPUTX-2P/2S/4P/4S) of RoHS compliant components.
This TPUTX Range of toroidal inductors is based on iron powder cores, for good suppression performance at
high frequencies, high overload capability, low flux-leakage, economical pricing, and optimized for use as high
frequency DC chokes.
This low cost surface-mount toroidal inductor meanwhile are designed for use in switching AC/DC power
supplies and DC/DC converters. The TPUTX series offer low DC resistance and is available with current ratings
up to 7.9 A IDC and inductance values that range from 0.49 uH to 1201.70 uH.
The height of TPUTX-2P and TPUTX-2S is 5.96 mm (Max.), and TPUTX-4P and TPUTX-4S is 7.00 mm
(Max.). These low-profile design makes them ideal for use in designs where component height is restricted. The
toroid core offers compact size with minimal external magnetic fields and is ideal for low voltage applications,
particularly the latest generation of low voltage microprocessors.
Custom parts are available on request. Application of specific designs also available including different
inductance and frequency specifications adjusted to requirements. Please contact our sales for more information.
Features :
- Maximum power density.
- Closed magnetic circuit for lowest EMI.
- Toroidal with powdered iron cores & low cost.
Applications :
- Power Supply Applications.
- Output Ripple Current Filter.
- VGA Card.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPUTX-2P

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPUT3N06G-AE3-R TECHPUBLIC-TPUT3N06G-AE3-R Datasheet
2Mb / 6P
60V N-Channel MOSFET
logo
Laird Tech Smart Techno...
TPUTTY-508 LSTD-TPUTTY-508 Datasheet
308Kb / 1P
Demonstrated thermal cycling stability
More results

Similar Description - TPUTX-2P

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
VTK-01001 PMI-VTK-01001 Datasheet
169Kb / 4P
SENDUST TOROIDAL POWER INDUCTORS
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
LOW COST TOROIDAL POWER INDUCTORS
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
Toroidal Power Inductors
logo
Token Electronics Indus...
TC19 TOKEN-TC19 Datasheet
325Kb / 2P
TC19 Power Gap Toroidal Inductors
logo
Cooper Bussmann, Inc.
CTX100-5-52-R COOPER-CTX100-5-52-R Datasheet
238Kb / 4P
LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Murata Manufacturing Co...
83683C MURATA-83683C Datasheet
167Kb / 2P
Toroidal Surface Mount Power Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com