Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPUTX-2P Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TPUTX-2P
Description  TPUTX Chip Toroidal Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPUTX-2P Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TPUTX-2P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPUTX-2P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPUTX-2P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPUTX-2P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04 of 04
Version 2010
Part Number: TPUTX-2P, TPUTX-2S
TPUTX-4P, TPUTX-4S
0.47
TPUTX-2P
Code
Code
0.47
0.68
...
300
(TPUTX-2P/2S/4P/4S) How to Order
Back to 1st Page - Chip Power Toroidal Inductors (TPUTX)
(TPUTX-4S) Electrical Characteristics
Part Number
L (µH)±20%
L @ IDC(µH) (min)
DCR (Ω)(max)
IDC (A)(max)
TPUTX-4S-2
1.95
1.49
0.019
3.95
TPUTX-4S-3
3.05
2.24
0.023
3.60
TPUTX-4S-4
4.39
3.24
0.034
2.95
TPUTX-4S-8
7.81
5.69
0.055
2.30
TPUTX-4S-20
20.62
14.23
0.107
1.65
TPUTX-4S-30
31.23
20.61
0.131
1.50
TPUTX-4S-40
39.53
26.79
0.187
1.25
TPUTX-4S-60
59.05
38.09
0.228
1.15
TPUTX-4S-80
82.47
53.76
0.337
0.95
TPUTX-4S-100
102.60
68.68
0.462
0.80
TPUTX-4S-130
132.86
91.72
0.663
0.65
TPUTX-4S-200
195.20
128.83
0.805
0.60
TPUTX-4S-270
269.50
172.16
0.952
0.55
TPUTX-4S-400
396.38
278.15
2.259
0.36
TPUTX-4S-600
597.80
405.83
2.784
0.32
TPUTX-4S-800
800.44
525.47
3.240
0.30
TPUTX-4S-1200
1195.72
752.13
4.011
0.27
TPUTX Chip Toroidal Power Inductors
Back to 1st Page - Chip Power Toroidal Inductors (TPUTX)
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com