Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1213-R68N Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TC1213-R68N
Description  TC1213 Through Hole Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TC1213-R68N Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TC1213-R68N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TC1213-R68N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01 of 02
Version 2010
Through Hole
Power Inductors
TC1213 Through Hole Power Inductors
Token Develops High-Efficiency Coiled
Power Inductors (TC1213)
Preview
Token has announced a wire-wound power inductor designed for use in the Mother Board of PC and Notebook
and various other power devices. The TC1213, measures only 14.0 x 14.5 mm, with a maximum height of 9.5
mm.
Most conventional DC-DC converters use inductors with cores made of relatively expensive metallic materials.
By contrast, this product, with a ferrite material, realizes the same DC bias characteristics and other performance
features as same-size inductors made with more expensive materials. The TC1213 offers customers much greater
design freedom with large current and low DCR by meeting the need to replace power inductors.
Full line products meet RoHS compliant. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features :
- Large Current and Low DCR.
Applications :
- Mother Board of PC.
- Mother Board of Notebook.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TC1213-R68N

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
TC1211LC CITC-TC1211LC Datasheet
499Kb / 4P
ESD Protection Device
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1219ECH MICROCHIP-TC1219ECH Datasheet
482Kb / 16P
Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results

Similar Description - TC1213-R68N

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
Through Hole Power Inductors
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
Through Hole Power Inductors
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
Through-Hole Inductors
AUG-02-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com