Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1219 Datasheet (PDF) - Microchip Technology

TC1219 Datasheet PDF - Microchip Technology
Part # TC1219
Download  TC1219 Download
File Size   482.15 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Switched Capacitor Voltage Converters with Shutdown in SOT Packages

TC1219 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1219 Datasheet PDF - Microchip Technology

Part # TC1219
Download  TC1219 Click to download

File Size   482.15 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Switched Capacitor Voltage Converters with Shutdown in SOT Packages

TC1219 Datasheet (HTML) - Microchip Technology


TC1219 Product details

General Description

The TC1219/TC1220 are CMOS “charge-pump” voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input voltage which can range from +2.5V to +5.5V. Conversion efficiency is typically >95%. Switching frequency is 12kHz for the TC1219, 35kHz for the TC1220. When the shutdown pin is held at a logic low, the device goes into a very low power mode of operation, consuming less than 1µA of supply current.



Features

• Charge Pumps in 6-Pin SOT-23A Package

• >95% Voltage Conversion Efficiency

• Voltage Inversion and/or Doubling

• Operates from +2.5V to +5.5V

• Up to 25mA Output Current

• Only Two External Capacitors Required

• Low Power Consumption

• Power-Saving Shutdown Mode

• TC1220 Compatible with 1.8V Logic Systems



Applications

• LCD Panel Bias

• Cellular Phones

• Pagers

• PDAs, Portable Dataloggers

• Battery-Powered Devices




Similar Part No. - TC1219

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
TC1211LC CITC-TC1211LC Datasheet
499Kb / 4P
ESD Protection Device
logo
Token Electronics Indus...
TC1213 TOKEN-TC1213 Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213-R68N TOKEN-TC1213-R68N Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213A TOKEN-TC1213A Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213A-R33N TOKEN-TC1213A-R33N Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
More results


Similar Description - TC1219

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Microchip Technology
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
logo
Microchip Technology
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com