Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1219 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1219
Description  Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1219 Datasheet(HTML) 1 Page - Microchip Technology

  TC1219 Datasheet HTML 1Page - Microchip Technology TC1219 Datasheet HTML 2Page - Microchip Technology TC1219 Datasheet HTML 3Page - Microchip Technology TC1219 Datasheet HTML 4Page - Microchip Technology TC1219 Datasheet HTML 5Page - Microchip Technology TC1219 Datasheet HTML 6Page - Microchip Technology TC1219 Datasheet HTML 7Page - Microchip Technology TC1219 Datasheet HTML 8Page - Microchip Technology TC1219 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2002 Microchip Technology Inc.
DS21366B-page 1
M TC1219/TC1220
Features
• Charge Pumps in 6-Pin SOT-23A Package
• >95% Voltage Conversion Efficiency
• Voltage Inversion and/or Doubling
• Operates from +2.5V to +5.5V
• Up to 25mA Output Current
• Only Two External Capacitors Required
• Low Power Consumption
• Power-Saving Shutdown Mode
• TC1220 Compatible with 1.8V Logic Systems
Applications
• LCD Panel Bias
• Cellular Phones
• Pagers
• PDAs, Portable Dataloggers
• Battery-Powered Devices
Device Selection Table
Package Type
General Description
The
TC1219/TC1220
are
CMOS
“charge-pump”
voltage converters in ultra-small 6-Pin SOT-23A
packages. They invert and/or double an input voltage
which can range from +2.5V to +5.5V. Conversion
efficiency is typically >95%. Switching frequency is
12kHz for the TC1219, 35kHz for the TC1220. When
the shutdown pin is held at a logic low, the device goes
into a very low power mode of operation, consuming
less than 1
µA of supply current.
External component requirement is only two capacitors
for standard voltage inverter applications. With a few
additional components a positive doubler can also be
built. All other circuitry, including control, oscillator,
power MOSFETs are integrated on-chip. Typical supply
currents are 60
µA (TC1219), 115µA (TC1220).
All devices are available in 6-pin SOT-23A surface
mount packages.
Functional Block Diagram
Part
Number
Package
Osc.
Freq.
(kHz)
Operating
Temp.
Range
TC1219ECH 6-Pin SOT-23A
12
-40°C to +85°C
TC1220ECH 6-Pin SOT-23A
35
-40°C to +85°C
C+
C–
TC1219ECH
TC1220ECH
12
3
54
VIN
SHDN
GND
6-Pin SOT-23A
NOTE: 6-Pin SOT-23A is equivalent to the EIAJ SC-74
OUT
6
TC1219
TC1220
VIN
V–
Output
C+
C–
C1
C2
Input
GND
OUT
SHDN
ON
OFF
+
+
Negative Voltage Inverter
Switched Capacitor Voltage Converters with Shutdown in SOT Packages


Similar Part No. - TC1219

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
TC1211LC CITC-TC1211LC Datasheet
499Kb / 4P
ESD Protection Device
logo
Token Electronics Indus...
TC1213 TOKEN-TC1213 Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213-R68N TOKEN-TC1213-R68N Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213A TOKEN-TC1213A Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
TC1213A-R33N TOKEN-TC1213A-R33N Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
More results

Similar Description - TC1219

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Microchip Technology
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
logo
Microchip Technology
TC1221 MICROCHIP-TC1221_14 Datasheet
193Kb / 16P
High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com