Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1219 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1219
Description  Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1219 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1219 Datasheet HTML 6Page - Microchip Technology TC1219 Datasheet HTML 7Page - Microchip Technology TC1219 Datasheet HTML 8Page - Microchip Technology TC1219 Datasheet HTML 9Page - Microchip Technology TC1219 Datasheet HTML 10Page - Microchip Technology TC1219 Datasheet HTML 11Page - Microchip Technology TC1219 Datasheet HTML 12Page - Microchip Technology TC1219 Datasheet HTML 13Page - Microchip Technology TC1219 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC1219/TC1220
DS21366B-page 10
 2002 Microchip Technology Inc.
TYPICAL CHARACTERISTICS (CONTINUED)
Output Voltage vs. Output Current
-0.5
-5.5
-1.5
-2.5
-3.5
-4.5
0
5
10
15
20
25
30
35 40
OUTPUT CURRENT (mA)
0.5
VIN = 3.3V
VIN = 5.0V
100
90
80
70
60
30
20
10
0
50
40
0
10
5
15
25
20
30 35 40 45 50
CURRENT (mA)
Efficiency vs. Output Current
110
VIN = 3.3V
VIN = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com