Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1219 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1219
Description  Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1219 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1219 Datasheet HTML 7Page - Microchip Technology TC1219 Datasheet HTML 8Page - Microchip Technology TC1219 Datasheet HTML 9Page - Microchip Technology TC1219 Datasheet HTML 10Page - Microchip Technology TC1219 Datasheet HTML 11Page - Microchip Technology TC1219 Datasheet HTML 12Page - Microchip Technology TC1219 Datasheet HTML 13Page - Microchip Technology TC1219 Datasheet HTML 14Page - Microchip Technology TC1219 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
 2002 Microchip Technology Inc.
DS21366B-page 11
TC1219/TC1220
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
TC1219/TC1220
Code
TC1219ECH
AM
TC1220ECH
AN
6.2
Taping Form
1
&
= part number code + temperature range
2
(two-digit code)
ex: 1219ECH = A M
3
represents year and quarter code
4
represents production lot ID code
User Direction of Feed
Component Taping Orientation for 6-Pin SOT-23A (EIAJ SC-74) Devices
Device
Marking
PIN 1
Standard Reel Component Orientation
For TR Suffix Device
(Mark Right Side Up)
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
6-Pin SOT-23A
8 mm
4 mm
3000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com