Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPU3316DHP-R33N Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TPU3316DHP-R33N
Description  TPUDHP Wirewound Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU3316DHP-R33N Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TPU3316DHP-R33N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU3316DHP-R33N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU3316DHP-R33N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU3316DHP-R33N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 04
Version 2010
TPU××DHP Wirewound Power Inductors
Power Inductors Utilize Wire Wound Technology
Enabling Up to 30.00A High Current (TPU××××DHP)
Preview
Token SMT unshielded (TPU××××DHP) series utilize wire wound technology with open magnetic circuit
construction enabling cost-effective in manufacturing high rated current, low ohmic resistance products.
The power inductors are wound around a ferrite core and are particularly suitable for cost-critical mass
applications with their surface-mounting capability. These material saving power inductors are ideal for
applications such as storage chokes in DC/DC convertors as well as in the EMC sector.
TPU3316DHP wire wound with Mn-Zn material core rugged self-leaded construction composites for low-
voltage and large-current DC-DC converter. Available inductance values for the TPU3316DHP are from 0.33 uH
to 4.70 uH with rated current up to 20.00 A.
TPU1813DHP rugged self-leaded construction with advance wire wound technology enables large current, lower
DCR, and less than 4.7mm height. It is ideal for high power DC-DC applications. Inductance values for the
TPU1813DHP are from 0.56 uH to 47.00 uH with rated current up to 7.70 A.
TPU5022DHP’s self-leaded and open magnetic circuit construction is specified for high current applications with
up to 30.00 A IDC. Inductance range from 0.78 uH to 15.00 uH.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements,
please contact our sales for more information.
Features :
- Compact size and thin.
- Open magnetic circuit construction.
- Large current and lower DCR.
Applications :
- Notebook, DC-DC applications.
- power supply applications.
TOKEN
SMT Unshielded
Wirewound
Power Inductors
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPU3316DHP-R33N

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU3316DF TOKEN-TPU3316DF Datasheet
410Kb / 5P
TPUDF Wire Wound Power Inductors
TPU3316DF-100M TOKEN-TPU3316DF-100M Datasheet
410Kb / 5P
TPUDF Wire Wound Power Inductors
TPU3316DF-101M TOKEN-TPU3316DF-101M Datasheet
410Kb / 5P
TPUDF Wire Wound Power Inductors
TPU3316DF-102M TOKEN-TPU3316DF-102M Datasheet
410Kb / 5P
TPUDF Wire Wound Power Inductors
TPU3316DF-150M TOKEN-TPU3316DF-150M Datasheet
410Kb / 5P
TPUDF Wire Wound Power Inductors
More results

Similar Description - TPU3316DHP-R33N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
Wirewound Chip Inductors
logo
Superworld Electronics
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
WIREWOUND CHIP INDUCTORS
logo
Token Electronics Indus...
TPSLF6028 TOKEN-TPSLF6028 Datasheet
425Kb / 10P
TPSLF Wirewound Power Inductors
logo
Superworld Electronics
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
WIREWOUND CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PD0120NL PULSE-PD0120NL Datasheet
192Kb / 2P
SMT POWER INDUCTORS Wirewound - PD0120NL Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com